Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB0515LS-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # IB0515LS-1W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IB0515LS-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  IB0515LS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IB0515LS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. IB0515LS-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. IB0515LS-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC/DC Module Power Supply
IB_XT-1WR2 series
2014.05.22-A/1
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage , isolated & regulated single
output
Patent Protection RoHS
FEATURES
Continuous short circuit protection
Efficiency up to 75%
Operating temperature range: -40℃ to+85℃
Isolation voltage: 1.5K VDC
Miniature SMD package
No external component required
International standard pin-out
IB_XT-1WR2 series is specially designed for applications where an isolated voltage is required in a distributed power supply system.It is suitable
for
1.Where the voltage of the input power supply is stable (voltage variation: ±5%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤1500VDC);
3. Where has high requirement of line regulation and load regulation.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@FullLoad
Max. Capacitive Load
(μF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
IB0503XT-1WR2
5
(4.75-5.25)
3.3
243/25
54/58
220
IB0505XT-1WR2
5
200/20
68/72
IB0512XT-1WR2
12
84/9
69/73
IB0515XT-1WR2
15
67/7
70/74
IB1205XT-1WR2
12
(11.4-12.6)
5
200/20
69/73
IB1212XT-1WR2
12
84/9
69/73
IB1215XT-1WR2
15
67/7
71/75
IB2405XT-1WR2
24
(22.8-25.2)
5
200/20
69/73
IB2412XT-1WR2
12
84/9
69/73
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
5V input
--
270/15
--
mA
12V input
--
115/10
--
24V input
--
56/7
--
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
24V input
-0.7
--
30
Reflected Ripple Current
--
15
--
mA
Input Filter
Capacitor filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
100% load
--
--
±3
%
Line Regulation
Input voltage change: ±1%
--
--
±0.25
Load Regulation
10%-100% load
3.3VDC output
--
--
3
Other output
--
--
2
Ripple*
20MHz bandwidth
--
10
--
mVp-p
Noise*
--
50
--
Temperature Drift Coefficient
100% load
--
--
±0.03
%/℃
Output Short Circuit Protection
Continuous, self-recovery
Note: * Ripple and noise tested with “parallel cable” method, please see
DC-DC Converter Application Notes for specific operation methods.


Similar Part No. - IB0515LS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IB0515LS-1W MORNSUN-IB0515LS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
IB0515LS-1W REICU-IB0515LS-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
IB0515LS-1WR3 MORNSUN-IB0515LS-1WR3 Datasheet
499Kb / 4P
   1W isolated DC-DC converter with Fixed Input Voltage and Regulated Single Output
More results

Similar Description - IB0515LS-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com