Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K78L09-500 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # K78L09-500
Description  WIDE INPUT NON-ISOLATED REGULATED OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K78L09-500 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  K78L09-500 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K78L09-500 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K78L09-500 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K78L09-500 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. K78L09-500 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78LXX-500
B/0-2012
Page 5 of 5
K78L12-500
K78L15-500
Vin=24Vdc, Vout=12V, Cin=10
μF, Co=10μF
Vin=24Vdc, Vout=15V, Cin=10
μF, Co=10μF
CH1: Vout, 200mV/div
CH1: Vout, 200mV/div
CH2: ILoad, 500mA/div
CH2: ILoad, 500mA/div
Time: 500
μs/div
Time: 500
μs/div
PACKAGE STYLE AND PINNING
5.08[0.200]
11.60
[0.457]
Note
Unit mm inch
Pin section tolerances
General tolerances:
:
:
[]
:± 0.10mm[± 0.004inch]
± 0.25mm[± 0.010inch]
MECHANICAL DIMMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Φ 1.00[0.039]
1
23
123
0.50[0.020]
9.60
[0.378]
4.90[0.193]
Note: grid 2.54*2.54mm.
(
)
Front View
()
Bottom View
FOOTPRINT DETAILS
Pin
Function
GND
+Vout
+Vin
1
2
3
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
Note:
Unit
mm[inch]
General tolerance
:
±0.50mm[±0.020inch]
L=530mm[20.866 inch]
Packaging quantity:43pcs
L=220mm[8.661inch]
pcs
Packaging quantity:17
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - K78L09-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L09-1000 MORNSUN-K78L09-1000 Datasheet
308Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED OUTPUT
More results

Similar Description - K78L09-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L03-1000 MORNSUN-K78L03-1000 Datasheet
308Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED OUTPUT
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com