Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K78L15-500 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # K78L15-500
Description  WIDE INPUT NON-ISOLATED REGULATED OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K78L15-500 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  K78L15-500 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K78L15-500 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K78L15-500 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K78L15-500 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. K78L15-500 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78LXX-500
B/0-2012
Page 2 of 5
TYPICAL TEMPERATURE CURVE
EXTERNAL CAPACITOR TABLE
Operating Temp.(
)
C
Temperature Derating Graph
(figure 1)
Part
Number
C1
(ceramic capacitor)
C2
(ceramic capacitor)
K78L03-500
10
μF/50V
22
μF/16V
K78L05-500
10
μF/50V
22
μF/16V
K78LX6-500
10
μF/50V
10
μF/16V
K78L09-500
10
μF/50V
10
μF/16V
K78L12-500
10
μF/50V
10
μF/25V
K78L15-500
10
μF/50V
10
μF/25V
STANDARD APPLICATION CIRCUIT
1.C 1 an d C2 ar e re quir ed and should b e fi tted clo se to the co nve rter pins.
2.T he c apacitance of C1 , C2 s ees ext ernal ca pac itor table,it can be incr eas ed
pr op er ly if requi r ed, and.
3.
tantalu m o r low ES R e lectrolytic c apacitor s m ay also suffice
N o paral lel c onn ecti on or plug and p lay.
4.O utp ut c an n ot s hor t-cir cuit,or i t ma y cause per manent dam ag e to the dev ice.
Note:
+Vin
G ND
G ND
K 78 LX X-5 00
1
2
3
+ Vout
C1
C2
+
+
(figure 2)
TEST CONFIGURATIONS (TA=25
°C)
1
Efficiency and Output Voltage Ripple Test
Sc ope
C e ram ic
3
+Vin
GND
+V out
C2
C1
25 .4mm
1
DC/DC
Converter
2
25 .4 mm
1 2.7 mm
1F
μ
1 0F
μ
Ta nta lum
Coppe r strip
Co pper s trip
(figure 3)
2
Start-up and Load Transient Response Test
3
+Vin
G ND
+V out
C2
C1
50 .8 mm
1
DC/DC
Con verter
2
Sc ope
Cop pe r strip
Cop pe r strip
(figure 4)


Similar Part No. - K78L15-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L15-500R3 MORNSUN-K78L15-500R3 Datasheet
1Mb / 4P
   Support the negative output
More results

Similar Description - K78L15-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L03-1000 MORNSUN-K78L03-1000 Datasheet
308Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED OUTPUT
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com