Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1515S-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # G1515S-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

G1515S-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  G1515S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. G1515S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. G1515S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. G1515S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. G1515S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2013.05.21-B/3
Page 2 of 5
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
5VDC Input
-0.7
--
9
12VDC Input
-0.7
--
18
15VDC Input
-0.7
--
21
Input Surge Voltage
(1 sec. max.)
24VDC Input
-0.7
--
30
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve
Line Regulation
For Vin change of
±1%
--
--
±1.2
3.3VDC output
--
15
--
5VDC output
--
12
--
7.2&9VDC output
--
8
--
12VDC output
--
7
--
15VDC output
--
6
--
Load Regulation
10% to 100% load
24VDC output
--
5
--
%
Temperature coefficient
100% load
--
--
±0.03
%/
°C
Output Voltage
≤12VDC
--
100
--
Ripple & Noise*
20MHz Bandwidth
Output Voltage :15VDC, 24VDC
--
150
--
mVp-p
Short Circuit Protection
Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, tested for 1 minute and leakage current less than 1 mA
6000
--
--
VDC
Isolation Resistance
Input-Output, test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output, 100KHz/0.1V
--
10
--
pF
Switching Frequency
Full load, nominal input
--
50
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Plastic (UL94-V0)
Weight
--
4.2
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (
≥100℃, see Figure 2)
-40
--
105
Storage Temperature
-55
--
125
Temperature rise
Ta=25
°C,100% Load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS B(Typical Recommended Circuit Refer to Figure1)
EMI
RE
CISPR22/EN55022
CLASS B(Typical Recommended Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact
±8KV
perf. Criteria B


Similar Part No. - G1515S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
G1515S-1W MORNSUN-G1515S-1W Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
G1515S-1WR2 MORNSUN-G1515S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G1515S-1WR2 MORNSUN-G1515S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
More results

Similar Description - G1515S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
A0505XT-1WR3 MORNSUN-A0505XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT4-D10D3WR RSG-RT4-D10D3WR Datasheet
745Kb / 5P
   1W fixed input voltage isolated & unregulated dual output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com