Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1294R Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294R
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1294R Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1294R Datasheet HTML 3Page - Texas Instruments ADS1294R Datasheet HTML 4Page - Texas Instruments ADS1294R Datasheet HTML 5Page - Texas Instruments ADS1294R Datasheet HTML 6Page - Texas Instruments ADS1294R Datasheet HTML 7Page - Texas Instruments ADS1294R Datasheet HTML 8Page - Texas Instruments ADS1294R Datasheet HTML 9Page - Texas Instruments ADS1294R Datasheet HTML 10Page - Texas Instruments ADS1294R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459J – JANUARY 2010 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply for all commercial grade (0°C to +70°C) devices and from –40°C to +85°C for
industrial grades devices. Typical specifications are at +25°C. All specifications at DVDD = 1.8V, AVDD – AVSS = 3V
(1),
VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, High-Resolution mode, and gain = 6, unless otherwise noted.
ADS1294, ADS1296, ADS1298
ADS1294R, ADS1296R, ADS1298R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER DISSIPATION (Analog Supply = 5V, RLD, WCT, and PACE Amplifiers Turned Off)
Quiescent power dissipation
High-Resolution mode
17.5
mW
ADS1298/8R
Low-Power mode
12.5
mW
High-Resolution mode
14.1
mW
ADS1296/6R
Low-Power mode
10
mW
High-Resolution mode
10.1
mW
ADS1294/4R
Low-Power mode
8.3
mW
Power-down
20
μW
Standby mode
4
mW
Quiescent channel power
PGA + ADC
1.5
mW
TEMPERATURE
Specified temperature range
0
+70
°C
Operating temperature range
0
+70
°C
Specified temperature range
–40
+85
°C
(industrial grade only)
Operating temperature range
–40
+85
°C
(industrial grade only)
Storage temperature range
–60
+150
°C
THERMAL INFORMATION
ADS1294/6/8/
ADS1294/6/8
4R/6R/8R
THERMAL METRIC(1)
UNITS
PAG
ZXG
64 PINS
64 PINS
θJA
Junction-to-ambient thermal resistance
35
48
θJCtop
Junction-to-case (top) thermal resistance
31
8
θJB
Junction-to-board thermal resistance
26
25
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.5
ψJB
Junction-to-board characterization parameter
22
θJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R


Similar Part No. - ADS1294R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294R TI1-ADS1294R Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI1-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1294R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com