Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1299 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1299
Description  Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1299 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1299_14 Datasheet HTML 1Page - Texas Instruments ADS1299_14 Datasheet HTML 2Page - Texas Instruments ADS1299_14 Datasheet HTML 3Page - Texas Instruments ADS1299_14 Datasheet HTML 4Page - Texas Instruments ADS1299_14 Datasheet HTML 5Page - Texas Instruments ADS1299_14 Datasheet HTML 6Page - Texas Instruments ADS1299_14 Datasheet HTML 7Page - Texas Instruments ADS1299_14 Datasheet HTML 8Page - Texas Instruments ADS1299_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
ADS1299
www.ti.com
SBAS499A – JULY 2012 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications are
at DVDD = 3.3 V, AVDD – AVSS = 5 V, VREF = 4.5 V, external fCLK = 2.048 MHz, data rate = 250 SPS, and gain = 12, unless
otherwise noted.
ADS1299
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
±VREF / gain
V
(AINP – AINN)
See the Input Common-Mode Range
Input common-mode range
subsection of the PGA Settings and Input
Range section
Ci
Input capacitance
20
pF
TA = +25°C, input = 2.5 V
±300
pA
IIB
Input bias current
TA = –40°C to +85°C, input = 2.5 V
±300
pA
No lead-off
1000
M
DC input impedance
Current source lead-off detection
500
M
(ILEADOFF = 6 nA)
PGA PERFORMANCE
Gain settings
1, 2, 4, 6, 8, 12, 24
BW
Bandwidth
See Table 5
ADC PERFORMANCE
Resolution
24
Bits
DR
Data rate
fCLK = 2.048 MHz
250
16000
SPS
CHANNEL PERFORMANCE (DC Performance)
10 seconds of data, gain = 24(1)
1.0
μVPP
250 points, 1 second of data, gain = 24,
1.0
1.35
μVPP
TA = +25°C
Input-referred noise (0.01 Hz to 70 Hz)
250 points, 1 second of data, gain = 24,
1.0
1.6
μVPP
TA = –40°C to +85°C
All other sample rates and gain settings
See Noise Measurements section
INL
Integral nonlinearity
Full-scale with gain = 12, best fit
8
ppm
EO
Offset error
60
μV
Offset error drift
80
nV/°C
EG
Gain error
Excluding voltage reference error
0.1
±0.5
% of FS
Gain drift
Excluding voltage reference drift
3
ppm/°C
Gain match between channels
0.2
% of FS
CHANNEL PERFORMANCE (AC Performance)
CMRR
Common-mode rejection ratio
fCM = 50 Hz and 60 Hz
(2)
–110
–120
dB
PSRR
Power-supply rejection ratio
fPS = 50 Hz and 60 Hz
96
dB
Crosstalk
fIN = 50 Hz and 60 Hz
–110
dB
SNR
Signal-to-noise ratio
VIN = –2 dBFs, fIN = 10-Hz input, gain = 12
121
dB
THD
Total harmonic distortion
VIN = –0.5 dBFs, fIN = 10 Hz
–99
dB
(1)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with the input shorted
(without electrode resistance) over a 10-second interval.
(2)
CMRR is measured with a common-mode signal of AVSS + 0.3 V to AVDD – 0.3 V. The values indicated are the minimum of the eight
channels.
Copyright © 2012, Texas Instruments Incorporated
3


Similar Part No. - ADS1299_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1299_1211 TI1-ADS1299_1211 Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299_16 Datasheet
2Mb / 79P
[Old version datasheet]   ADS1299-x Low-Noise, 4-, 6-, 8-Channel, 24-Bit, Analog-to-Digital Converter for EEG and Biopotential Measurements
More results

Similar Description - ADS1299_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1299_1211 TI1-ADS1299_1211 Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com