Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4125 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4125
Description  14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4125 Datasheet(HTML) 1 Page - Texas Instruments

  ADS4125 Datasheet HTML 1Page - Texas Instruments ADS4125 Datasheet HTML 2Page - Texas Instruments ADS4125 Datasheet HTML 3Page - Texas Instruments ADS4125 Datasheet HTML 4Page - Texas Instruments ADS4125 Datasheet HTML 5Page - Texas Instruments ADS4125 Datasheet HTML 6Page - Texas Instruments ADS4125 Datasheet HTML 7Page - Texas Instruments ADS4125 Datasheet HTML 8Page - Texas Instruments ADS4125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
ADS4122, ADS4125
ADS4142, ADS4145
www.ti.com
SBAS520A
– FEBRUARY 2011 – REVISED MARCH 2011
14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Check for Samples: ADS4122, ADS4125, ADS4142, ADS4145
1
FEATURES
DESCRIPTION
The ADS412x/4x are lower sampling speed variants
23
Ultralow Power with 1.8V Single Supply:
of the ADS41xx family of analog-to-digital converters
– 103mW Total Power at 65MSPS
(ADCs).
These
devices
use
innovative
design
– 153mW Total Power at 125MSPS
techniques to achieve high dynamic performance,
while consuming extremely low power at 1.8V supply.
High Dynamic Performance:
The devices are well-suited for multi-carrier, wide
– SNR: 72.2dBFS at 170MHz
bandwidth communications applications.
– SFDR: 81dBc at 170MHz
The ADS412x/4x have fine gain options that can be
Dynamic Power Scaling with Sample Rate
used
to
improve
SFDR
performance
at
lower
Output Interface:
full-scale input ranges, especially at high input
frequencies. They include a dc offset correction loop
– Double Data Rate (DDR) LVDS with
that can be used to cancel the ADC offset. At lower
Programmable Swing and Strength
sampling rates, the ADC automatically operates at
– Standard Swing: 350mV
scaled down power with no loss in performance.
– Low Swing: 200mV
The ADS412x/4x are available in a compact QFN-48
– Default Strength: 100Ω Termination
pacakge
and
are
specified
over
the
industrial
– 2x Strength: 50Ω Termination
temperature range (
–40°C to +85°C).
– 1.8V Parallel CMOS Interface Also
Supported
Programmable Gain up to 6dB for SNR/SFDR
Trade-Off
DC Offset Correction
Supports Low Input Clock Amplitude Down To
200mVPP
Package: QFN-48 (7mm
× 7mm)
ADS412x/ADS414x Family Comparison
WITH ANALOG INPUT BUFFERS
FAMILY
65MSPS
125MSPS
160MSPS
250MSPS
200MSPS
250MSPS
ADS412x
ADS4122
ADS4125
ADS4126
ADS4129
ADS41B29
12-Bit Family
ADS414x
ADS4142
ADS4145
ADS4146
ADS4149
ADS41B49
14-Bit Family
9-Bit
ADS58B19
11-Bit
ADS58B18
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS4125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4125 TI1-ADS4125 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4125 TI-ADS4125 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4125 TI1-ADS4125 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4125IRGZR TI1-ADS4125IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4125IRGZR TI1-ADS4125IRGZR Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
More results

Similar Description - ADS4125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com