Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4142 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4142
Description  14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4142 Datasheet(HTML) 5 Page - Texas Instruments

  ADS4142 Datasheet HTML 1Page - Texas Instruments ADS4142 Datasheet HTML 2Page - Texas Instruments ADS4142 Datasheet HTML 3Page - Texas Instruments ADS4142 Datasheet HTML 4Page - Texas Instruments ADS4142 Datasheet HTML 5Page - Texas Instruments ADS4142 Datasheet HTML 6Page - Texas Instruments ADS4142 Datasheet HTML 7Page - Texas Instruments ADS4142 Datasheet HTML 8Page - Texas Instruments ADS4142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
ADS4122, ADS4125
ADS4142, ADS4145
www.ti.com
SBAS520A
– FEBRUARY 2011 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS: ADS4122/ADS4125
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 0dB gain,
and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are across the full temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V.
ADS4122 (65MSPS)
ADS4125 (125MSPS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
12
12
Bits
fIN = 10MHz
71.1
71
dBFS
fIN = 70MHz
70.9
70.8
dBFS
SNR (signal-to-noise ratio), LVDS
fIN = 100MHz
70.7
70.6
dBFS
fIN = 170MHz
67
70.2
68
70.1
dBFS
fIN = 300MHz
68.8
69.6
dBFS
fIN = 10MHz
70.8
70.7
dBFS
fIN = 70MHz
70.8
70.7
dBFS
SINAD (signal-to-noise and distortion ratio),
fIN = 100MHz
70.6
70.3
dBFS
LVDS
fIN = 170MHz
66
70.1
67
69.8
dBFS
fIN = 300MHz
68
69
dBFS
fIN = 10MHz
86.5
86
dBc
fIN = 70MHz
86
86
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
87
82
dBc
fIN = 170MHz
70
85
71
81
dBc
fIN = 300MHz
72.5
77
dBc
fIN = 10MHz
82.5
82
dBc
fIN = 70MHz
84
83.5
dBc
Total harmonic distortion
THD
fIN = 100MHz
84
80.5
dBc
fIN = 170MHz
69.5
81
69.5
79.5
dBc
fIN = 300MHz
72
75.5
dBc
fIN = 10MHz
87
87
dBc
fIN = 70MHz
88
86
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
88
82
dBc
fIN = 170MHz
70
86
71
83
dBc
fIN = 300MHz
72.5
77
dBc
fIN = 10MHz
86.5
86
dBc
fIN = 70MHz
86
88
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
87
85
dBc
fIN = 170MHz
70
85
71
81
dBc
fIN = 300MHz
85
82
dBc
fIN = 10MHz
96
95
dBc
fIN = 70MHz
96
95
dBc
Worst spur
fIN = 100MHz
94
95
dBc
(other than second and third harmonics)
fIN = 170MHz
76.5
92
76.5
91
dBc
fIN = 300MHz
88
88
dBc
Two-tone intermodulation
f1 = 100MHz, f2 = 105MHz,
IMD
90
87.5
dBFS
distortion
each tone at
–7dBFS
Recovery to within 1% (of final
Clock
Input overload recovery
value) for 6dB overload with
1
1
cycles
sine-wave input
For 100mVPP signal on AVDD
AC power-supply rejection ratio
PSRR
> 30
> 30
dB
supply, up to 10MHz
Effective number of bits
ENOB
fIN = 170MHz
11.2
11.2
LSBs
Differential nonlinearity
DNL
fIN = 170MHz
–0.85
±0.2
1.5
–0.85
±0.2
1.5
LSBs
Integrated nonlinearity
INL
fIN = 170MHz
±0.3
3.5
±0.35
3.5
LSBs
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS4122 ADS4125 ADS4142 ADS4145


Similar Part No. - ADS4142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4142 TI1-ADS4142 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4142 TI-ADS4142 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4142 TI1-ADS4142 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4142IRGZR TI1-ADS4142IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4142IRGZR TI1-ADS4142IRGZR Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
More results

Similar Description - ADS4142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com