Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8331
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8331_14 Datasheet HTML 3Page - Texas Instruments ADS8331_14 Datasheet HTML 4Page - Texas Instruments ADS8331_14 Datasheet HTML 5Page - Texas Instruments ADS8331_14 Datasheet HTML 6Page - Texas Instruments ADS8331_14 Datasheet HTML 7Page - Texas Instruments ADS8331_14 Datasheet HTML 8Page - Texas Instruments ADS8331_14 Datasheet HTML 9Page - Texas Instruments ADS8331_14 Datasheet HTML 10Page - Texas Instruments ADS8331_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
ADS8331
ADS8332
www.ti.com
SBAS363C – DECEMBER 2009 – REVISED MAY 2012
TIMING CHARACTERISTICS: VA = 2.7V
At TA = –40°C to +85°C, VA = 2.7V, and VBD = 1.65V, unless otherwise noted.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External, fCCLK = 1/2 fSCLK
0.5
10.5
MHz
fCCLK
Frequency, conversion clock, CCLK
Internal
10.5
11
12.2
MHz
tSU1
Setup time, rising edge of CS to EOC(3)
Read while converting
1
CCLK
tH1
CS hold time with respect to EOC(3)
Read while sampling
25
ns
tWL1
Pulse duration, CONVST low
40
ns
tWH1
Pulse duration, CS high
40
ns
tSU2
Setup time, rising edge of CS to EOS
Read while sampling
25
ns
tH2
CS hold time with respect to EOS
Read while converting
25
ns
tSU3
Setup time, falling edge of CS to first falling edge of SCLK
14
ns
tWL2
Pulse duration, SCLK low
17
tSCLK – tWH2
ns
tWH2
Pulse duration, SCLK high
12
tSCLK – tWL2
ns
I/O clock only
40
ns
I/O and conversion clocks
47.6
1000
ns
tSCLK
Cycle time, SCLK
I/O clock, daisy-chain mode
40
ns
I/O and conversion clocks,
47.6
1000
ns
daisy-chain mode
tD1
Delay time, falling edge of SCLK to SDO invalid
10pF load
8
ns
tD2
Delay time, falling edge of SCLK to SDO valid
10pF load
35
ns
tD3
Delay time, falling edge of CS to SDO valid, SDO MSB output
10pF load
35
ns
tSU4
Setup time, SDI to falling edge of SCLK
8
ns
tH3
Hold time, SDI to falling edge of SCLK
8
ns
tD4
Delay time, rising edge of CS to SDO 3-state
10pF load
15
ns
tSU5
Setup time, last falling edge of SCLK before rising edge of CS
15
ns
tH4
Hold time, last falling edge of SCLK before rising edge of CS
2
ns
tSU6
(4)
Setup time, rising edge of SCLK to rising edge of CS
10
ns
tH5
(4)
Hold time, rising edge of SCLK to rising edge of CS
2
ns
tD5
Delay time, falling edge of CS to deactivation of INT
10pF load
40
ns
(1)
All input signals are specified with tr = tf = 1.5ns (10% to 90% of VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See the Timing Diagrams section.
(3)
The EOC and EOS signals are the inverse of each other.
(4)
Applies to the 5th or 17th rising SCLK when sending 4-bit or 16-bit commands, respectively, to the ADS8331/32.
Copyright © 2009–2012, Texas Instruments Incorporated
7


Similar Part No. - ADS8331_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
More results

Similar Description - ADS8331_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com