Electronic Components Datasheet Search |
|
ADS8331 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
ADS8331 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 47 page ADS8331 ADS8332 SBAS363C – DECEMBER 2009 – REVISED MAY 2012 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS Over operating free-air temperature range, unless otherwise noted. (1) ADS8331, ADS8332 UNIT INX, MUXOUT, ADCIN, REF+ to AGND –0.3 to VA + 0.3 V Voltage COM, REF– to AGND –0.3 to 0.3 V VA to AGND –0.3 to 7 V Voltage range VBD to DGND –0.3 to 7 V AGND to DGND –0.3 to 0.3 V Digital input voltage to DGND –0.3 to VBD + 0.3 V Digital output voltage to DGND –0.3 to VBD + 0.3 V Operating free-air temperature range, (TA) –40 to +85 °C Storage temperature range, (TSTG) –65 to +150 °C Junction temperature (TJ Max) +150 °C Power dissipation (TJMax – TA)/θJA W 4x4 QFN-24 Package θJA thermal impedance 47 °C/W Power dissipation (TJMax – TA)/θJA W TSSOP-24 Package θJA thermal impedance 47 °C/W (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute- maximum-rated conditions for extended periods may affect device reliability. 2 Copyright © 2009–2012, Texas Instruments Incorporated |
Similar Part No. - ADS8331 |
|
Similar Description - ADS8331 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |