Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7263 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7263
Description  Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7263 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7263 Datasheet HTML 4Page - Texas Instruments ADS7263 Datasheet HTML 5Page - Texas Instruments ADS7263 Datasheet HTML 6Page - Texas Instruments ADS7263 Datasheet HTML 7Page - Texas Instruments ADS7263 Datasheet HTML 8Page - Texas Instruments ADS7263 Datasheet HTML 9Page - Texas Instruments ADS7263 Datasheet HTML 10Page - Texas Instruments ADS7263 Datasheet HTML 11Page - Texas Instruments ADS7263 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
ADS8363
ADS7263
ADS7223
SBAS523B – OCTOBER 2010 – REVISED JANUARY 2011
www.ti.com
Pin Descriptions (continued)
PIN
NAME
NO.
TYPE(1)
DESCRIPTION
Chip select. When this pin is low, the SDOx, SDI, and RD pins are active; when this pin is high, the
CS
21
DI
SDOx outputs are 3-stated, while the SDI and RD inputs are ignored.
External clock input. The range is 0.5MHz to 20MHz in half-clock mode, or 1MHz to 40MHz in
CLOCK
22
DI
full-clock mode.
Converter busy indicator. BUSY goes high when the inputs are in hold mode and returns to low after
BUSY
23
DO
the conversion is complete.
SDOB
24
DO
Serial data output for converter B. Active only if M1 is low. 3-state when CS is high.
SDOA
25
DO
Serial data output for converter A. 3-state when CS is high.
DVDD
27
P
Digital supply, 2.3V to 5.5V. Decouple to DGND with a 1mF ceramic capacitor.
DGND
28
P
Digital ground. Connect to digital ground plane.
CMA
31
AI
Common-mode voltage input for channels Ax (in pseudo-differential mode only).
CMB
32
AI
Common-mode voltage input for channels Bx (in pseudo-differential mode only).
8
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8363 ADS7263 ADS7223


Similar Part No. - ADS7263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7263 TI-ADS7263 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7263 TI-ADS7263 Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7263SRHBR TI-ADS7263SRHBR Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7263SRHBT TI-ADS7263SRHBT Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Similar Description - ADS7263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8363 TI-ADS8363 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8363SRHBT TI-ADS8363SRHBT Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com