Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1707 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM1707
Description  Microprocessor
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707 Datasheet(HTML) 4 Page - Texas Instruments

  AM1707_14 Datasheet HTML 1Page - Texas Instruments AM1707_14 Datasheet HTML 2Page - Texas Instruments AM1707_14 Datasheet HTML 3Page - Texas Instruments AM1707_14 Datasheet HTML 4Page - Texas Instruments AM1707_14 Datasheet HTML 5Page - Texas Instruments AM1707_14 Datasheet HTML 6Page - Texas Instruments AM1707_14 Datasheet HTML 7Page - Texas Instruments AM1707_14 Datasheet HTML 8Page - Texas Instruments AM1707_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 201 page
background image
AM1707
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
Table of Contents
1
AM1707 ARM Microprocessor
......................... 1
6.10
External Memory Interface A (EMIFA)
.............. 64
1.1
Features
.............................................. 1
6.11
External Memory Interface B (EMIFB)
.............. 75
1.2
Applications
........................................... 2
6.12
Memory Protection Units
............................ 83
1.3
Description
............................................ 2
6.13
MMC / SD / SDIO (MMCSD)
........................ 86
1.4
Functional Block Diagram
............................ 3
6.14
Ethernet Media Access Controller (EMAC)
......... 89
2
Revision History
......................................... 5
6.15
Management Data Input/Output (MDIO)
............ 94
6.16
Multichannel Audio Serial Ports (McASP0, McASP1,
3
Device Overview
......................................... 6
and McASP2)
........................................ 96
3.1
Device Characteristics
................................ 6
6.17
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 109
3.2
Device Compatibility
.................................. 7
6.18
Enhanced Capture (eCAP) Peripheral
............. 127
3.3
ARM Subsystem
...................................... 8
6.19
Enhanced Quadrature Encoder (eQEP)
3.4
Memory Map Summary
............................. 11
Peripheral
.......................................... 130
3.5
Pin Assignments
.................................... 13
6.20
Enhanced High-Resolution Pulse-Width Modulator
3.6
Terminal Functions
.................................. 14
(eHRPWM)
......................................... 132
4
Device Configuration
.................................. 33
6.21
LCD Controller
..................................... 136
4.1
Boot Modes
......................................... 33
6.22
Timers
.............................................. 151
4.2
SYSCFG Module
.................................... 34
6.23
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
.. 153
4.3
Pullup/Pulldown Resistors
.......................... 36
6.24
Universal Asynchronous Receiver/Transmitter
(UART)
............................................. 158
5
Device Operating Conditions
........................ 37
6.25
USB1 Host Controller Registers (USB1.1 OHCI)
.. 160
5.1
Absolute Maximum Ratings Over Operating
Junction Temperature Range
6.26
USB0 OTG (USB2.0 OTG)
........................ 162
(Unless Otherwise Noted)
................................. 37
6.27
Host-Port Interface (UHPI)
......................... 170
5.2
Handling Ratings
.................................... 37
6.28
Power and Sleep Controller (PSC)
................ 177
5.3
Recommended Operating Conditions
............... 38
6.29
Programmable Real-Time Unit Subsystem
5.4
Notes on Recommended Power-On Hours (POH)
. 39
(PRUSS)
........................................... 180
5.5
Electrical Characteristics Over Recommended
6.30
Emulation Logic
.................................... 183
Ranges of Supply Voltage and Operating Junction
6.31
IEEE 1149.1 JTAG
................................ 189
Temperature (Unless Otherwise Noted)
............ 40
6.32
Real Time Clock (RTC)
............................ 191
6
Peripheral Information and Electrical
7
Device and Documentation Support
.............. 194
Specifications
........................................... 41
7.1
Device Support
..................................... 194
6.1
Parameter Information
.............................. 41
6.2
Recommended Clock and Control Signal Transition
7.2
Documentation Support
............................ 195
Behavior
............................................. 42
7.3
Community Resources
............................. 195
6.3
Power Supplies
...................................... 42
7.4
Trademarks
........................................ 195
6.4
Reset
................................................ 43
7.5
Electrostatic Discharge Caution
................... 195
6.5
Crystal Oscillator or External Clock Input
........... 46
7.6
Glossary
............................................ 195
6.6
Clock PLLs
.......................................... 48
8
Mechanical Packaging and Orderable
6.7
Interrupts
............................................ 52
Information
............................................. 196
6.8
General-Purpose Input/Output (GPIO)
.............. 56
8.1
Thermal Data for ZKB
............................. 196
6.9
EDMA
............................................... 59
8.2
Packaging Information
............................. 196
4
Table of Contents
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1707


Similar Part No. - AM1707_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1707_1004 TI-AM1707_1004 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
More results

Similar Description - AM1707_14

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Freescale Semiconductor...
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
   Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com