Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMI-S-201-C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BMI-S-201-C
Description  INTRODUCTION TO BOARD LEVEL SHIELDS AND CONTACTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMI-S-201-C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BMI-S-201-C Datasheet HTML 5Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 6Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 7Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 8Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 9Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 10Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 11Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 12Page - List of Unclassifed Manufacturers BMI-S-201-C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
STANDARD DESIGN SHIELDS AND CONTACTS
www.lairdtech.com
7
STANDARD SURFACE MOUNT SHIELD
ONE-PIECE
APPLICATIONS:
Works exceptionally well
in small component areas
48 VQFP
Dimensions (mm)
STANDARD SURFACE MOUNT SHIELD
TWO-PIECE
APPLICATIONS:
Works exceptionally well
in small component areas
48 VQFP
Dimensions (mm)
DESIGN SPECIFICATIONS
DESIGN SPECIFICATIONS
Footprint
Footprint
Carrier Tape
Carrier Tape
PART
NUMBER
MAXIMUM
OVERALL
DIMENSION
MAXIMUM
OVERALL
HEIGHT
CARRIER TAPE
WIDTH
CARRIER TAPE
PITCH
PARTS PER
REEL
BMI-S-201-F
.538 x .476
(13,66 x 12,70)
.100
(2,54)
24 mm
20 mm
1000
The cover is ordered as a separate part . The part number is BMI-S-201-C and is packaged in the same quantity
as the frame.
PART
NUMBER
MAXIMUM
OVERALL
DIMENSION
MAXIMUM
OVERALL
HEIGHT
CARRIER TAPE
WIDTH
CARRIER TAPE
PITCH
PARTS PER
REEL
BMI-S-101
.538 x .476
(13,66 x 12,70)
.100
(2,54)
24 mm
20 mm
1000


Similar Part No. - BMI-S-201-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMI-S-202-F ETC2-BMI-S-202-F Datasheet
79Kb / 2P
   Item BMIS-202 Standard Surface Mount Shields-Two-Piece
BMI-S-209-C ETC2-BMI-S-209-C Datasheet
567Kb / 3P
   Microwave Absorber Microwave Absorber
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
   Microwave Absorber Microwave Absorber
More results

Similar Description - BMI-S-201-C

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
C-17872 DIALIGHT-C-17872 Datasheet
76Kb / 1P
   TRI-LEVEL LIGHTPIPE WITH SHIELDS
logo
ESPRESSIF SYSTEMS (SHAN...
ESP-PROG ESPRESSIF-ESP-PROG Datasheet
702Kb / 6P
   Introduction to the ESP-Prog Board
logo
STMicroelectronics
AN4071 STMICROELECTRONICS-AN4071 Datasheet
487Kb / 27P
   Introduction to comparators, their parameters and basic
logo
NXP Semiconductors
UM11735 NXP-UM11735 Datasheet
3Mb / 10P
   Introduction to FRDM-STBA-A8967 sensor toolbox development board
Rev. 1 - 13 January 2022
logo
STMicroelectronics
AN900 STMICROELECTRONICS-AN900 Datasheet
787Kb / 15P
   INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
logo
Fairchild Semiconductor
AN-558 FAIRCHILD-AN-558 Datasheet
774Kb / 12P
   Introduction to Power MOSFETS
logo
NXP Semiconductors
UM11736 NXP-UM11736 Datasheet
3Mb / 10P
   Introduction to FRDM-K22F-A8974 sensor toolbox development board
Rev. 1 - 13 January 2022
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
   Introduction and Ordering Information
logo
NXP Semiconductors
UM11718 NXP-UM11718 Datasheet
3Mb / 10P
   Introduction to FRDM-STBA-A8964 sensor toolbox development board
Rev. 1 - 12 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com