Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E6240 Datasheet(PDF) 7 Page - Quantum Research Group

Part # E6240
Description  The New Vision of Touch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

E6240 Datasheet(HTML) 7 Page - Quantum Research Group

Back Button E6240 Datasheet HTML 3Page - Quantum Research Group E6240 Datasheet HTML 4Page - Quantum Research Group E6240 Datasheet HTML 5Page - Quantum Research Group E6240 Datasheet HTML 6Page - Quantum Research Group E6240 Datasheet HTML 7Page - Quantum Research Group E6240 Datasheet HTML 8Page - Quantum Research Group E6240 Datasheet HTML 9Page - Quantum Research Group E6240 Datasheet HTML 10Page - Quantum Research Group E6240 Datasheet HTML 11Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
E6240 User Manual
7 of 17
Options Menu: Click Options,
Beep on Key Down to generate a computer beep on key activation
Beep on Key Up to generate a computer beep on key release
Read After Write to automatically send a read command after sending a new setup block
Reset After Write – not available
Calibrate After Write to automatically send a recalibrate command after sending a new
setup block
Start/Stop Data Log to record data into a *csv file
QmSettings
Advanced to display advanced key settings
QmGraph
Join Data Points to draw the graph using a solid line
Save Options on Close to save software settings on closing the software
Communications
Port to select the USB/COM port
Baud Rate to select the baud rate
Interface to select the type of interface
Device to select the type of QT device
Send Keystrokes to Another Application to send keystrokes code to another application
View Menu: Click View,
Key Settings to open the QmSettings dialog box
Graph to open the QmGraph dialog box for a particular key (i.e. the last key which was
clicked in the software)
Key Numbers to turn the display of key numbers in the QmBtn dialog box on/off
Key Reference Levels to turn the display of key reference levels in the QmBtn dialog box
on/off
Detailed Status Below Keys to turn the display of device status information in the QmBtn
dialog box on/off
Toolbar to turn the toolbar in the QmBtn dialog box on/off
Status Bar to turns the status bar in the QmBtn dialog box on/off
Help Menu: Click Help,
Help to open the Help file
About QmBtn to see details of the copyright and software version


Similar Part No. - E6240

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E62 ZFSWITCHES-E62 Datasheet
771Kb / 3P
   Long life coil spring mechanism
logo
Cherry Semiconductor Co...
E62-00H CHERRY-E62-00H Datasheet
771Kb / 3P
   3 Contact Ratings
logo
Fujitsu Component Limit...
E620 FUJITSU-E620 Datasheet
97Kb / 4P
   SCENIC E620 Green PC Small desktop
logo
EnOcean GmbH.
E6201-K515 ENOCEAN-E6201-K515 Datasheet
132Kb / 1P
   Self-powered Motion and Illumination Sensor
February 2020
E6201-K516 ENOCEAN-E6201-K516 Datasheet
119Kb / 1P
   Easyfit Multisensor
September 2020
More results

Similar Description - E6240

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
FT1A-M12RA-B IDEC-FT1A-M12RA-B Datasheet
2Mb / 11P
   Value. Versatility. The New Breed of Controller
logo
Integrated Device Techn...
AN-136 IDT-AN-136 Datasheet
92Kb / 12P
   A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN3236 STMICROELECTRONICS-AN3236 Datasheet
315Kb / 15P
   Guidelines to increase the number of touch sensing touchkeys
logo
Seoul Semiconductor
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
Texas Instruments
PT7602N TI-PT7602N Datasheet
154Kb / 3P
[Old version datasheet]   The PT7602 is a new series of high-performance, 10A Integrated
logo
TOKYO SEIMITSU CO., LTD
WT-425 ACCRETECH-WT-425 Datasheet
373Kb / 2P
   New type of best selling system for the wafer manufacturing process
logo
Advanced Power Technolo...
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com