Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24W-600K Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # KC24W-600K
Description  CONSTANT CURRENT GREAT POWER BUCK LED DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24W-600K Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  KC24W-600K Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24W-600K Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24W-600K Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24W-600K Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
KC24W -XXXK
2013.02.26-A/3
Page 1 of 4
KC24W-XXXK Series
CONSTANT CURRENT GREAT POWER BUCK LED
DRIVER
RoHS
PRODUCT PROGRAM
Input Voltage(VDC)
Output
Model
Normal
Range
Voltage
(VDC)
Current
(mA)
Efficiency (%,max)
KC24W-300K
24
5.5-48
3.3-36
0-300
96
KC24W-350K
24
5.5-48
3.3-36
0-350
96
KC24W-500K
24
5.5-48
3.3-36
0-500
96
KC24W-600K
24
5.5-48
3.3-36
0-600
96
KC24W-700K
24
5.5-48
3.3-36
0-700
96
COMMON SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Units
Utmost input voltage
≤10 seconds
5
55
Recommended input voltage
5.5
24
48
VDC
Input filter
Capacitor(1
μF)
Output voltage range
Vin=48V
3.3
36
Input-Output voltage drop
Vin=5.5~48V,1~10LEDs
2
4
VDC
Output current range
See the product program
Output current accuracy
± 2
±5
Output current stability
Vin=48V, Vo=3.3V~36V
±1
%
Internal power dissipation
Vin=24V, 5LEDs
700
mW
Temperature coefficient
-40
°C to+71 °C ambient
± 0.015
%/
°C
Efficiency
96
%
Ripple & Noise (Vp-p)
Vin=48V,1~ 10LEDs
100
mV
Short circuit protection
Continuous, automatic recovery
300mA / 350mA
-40
85
Operating temperature range
500mA/ 600mA/ 700mA
-40
71
Storage temperature range
-55
105
Lead temperature
≤10 seconds
265
Maximum case temperature
100
°C
Thermal resistance
60
°C/W
Maximum capacitive Load
1000
μF
Operating frequency range
320
370
420
kHz
MTBF
MIL-HDBK-217F(+25
°C)
1,500,000
Hours
Case Material
Plastic (UL94-V0)
Dimensions
22.10*12.55*8.50
mm
Weight
8.5
g
EMC SPECIFICATIONS
EMI conducted
EN55015
Power port( refer to Figure 3)
RFI conducted
EN55015
CISPR22
class B( refer to Figure 3)
ESD
IEC/EN 61000-4-2
level 3 contact±6KV
perf. Criteria B
R/S
IEC/EN 61000-4-3
level 3 (10V/m)
perf. Criteria A
EFT
IEC/EN 61000-4-4
level 2 (±1KV)
perf. Criteria B ( refer to Figure 3)
Surge
IEC/EN 61000-4-5
level 2 (±1KV)
perf. Criteria B ( refer to Figure 3)
C/S
IEC/EN 61000-4-6
level 3 (10Vr.ms)
perf. Criteria A
FEATURES
● High efficiency up to 96%
● Ultra wide range voltage input (5.5-48
VDC)
● Drive current:300/350/500/600/700mA
● Output Power:10/12/18/21/25W
● Output current accuracy (± 2%)
● Output current stability(±1%)
● Low Ripple & Noise(<100mV)
● With large capacitive loads(1000μF)
● Continuous short circuit protection
● AC-DC, EMC recommended circuit
● Lead wire package, simple and
convenient
● Waterproof Level:IP67
● RoHS Compliance
APPLICATIONS
KC24W-XXXK series is a high-power
LED driver design for the step-down constant
current source. With high efficiency, wide
input
voltage
range,
high-temperature
environment, functional and so on.
It can be widely used in backlight and
12V, 24V, 36V landscape lighting, special
lighting controls, commercial lighting, street
lighting, home lighting, automotive lighting
and other lighting systems. Use of lead type
package, allowing customers to use more
convenient.
MODEL SELECTION
KC24W-350K
Pr odu c t Se r ies
O u tp u t Cu rr ent
Pa ck ag e Sty le
Inpu t Vo lt age
Spe c ia l M a rk
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - KC24W-600K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC24W-600K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24RT MORNSUN-KC24RT Datasheet
660Kb / 5P
   CONSTANT CURRENT GREAT POWER LED DRIVER
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8023 TPOWER-TP8023 Datasheet
562Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9835 HMSEMI-HM9835 Datasheet
646Kb / 5P
   Average current type LED buck constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021N TPOWER-TP8021N Datasheet
534Kb / 5P
   Average Current Type LED Buck Constant Current Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com