Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8410 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI8410
Description  LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8410 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI8410 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Rev. 1.3 3/14
Copyright © 2014 by Silicon Laboratories
Si8410/20/21 / Si8422/23
Si8410/20/21 (5 kV)
Si8422/23 (2.5 & 5 kV)
L OW-P OWER, S INGLE AND D UAL-C HANNEL
D IGITAL I SOLATORS
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of ultra-low-power digital isolators are CMOS devices offering
substantial data rate, propagation delay, power, size, reliability, and external BOM
advantages when compared to legacy isolation technologies. The operating
parameters of these products remain stable across wide temperature ranges and
throughout device service life for ease of design and highly uniform performance.
All device versions have Schmitt trigger inputs for high noise immunity and only
require VDD bypass capacitors.
Data rates up to 150 Mbps are supported, and all devices achieve worst-case
propagation delays of less than 10 ns. Ordering options include a choice of
isolation ratings (up to 5 kV) and a selectable fail-safe operating mode to control
the default output state during power loss. All products are safety certified by UL,
CSA, and VDE, and products in wide-body packages support reinforced insulation
withstanding up to 5 kVRMS.
High-speed operation

DC to 150 Mbps
No start-up initialization required
Wide Operating Supply Voltage:
2.6–5.5 V
Up to 5000 VRMS isolation
High electromagnetic immunity
Ultra low power (typical)
5 V Operation:

< 2.6 mA/channel at 1 Mbps

< 6.8 mA/channel at 100 Mbps
2.70 V Operation:

< 2.3 mA/channel at 1 Mbps

< 4.6 mA/channel at 100 Mbps
Schmitt trigger inputs
Selectable fail-safe mode

Default high or low output
Precise timing (typical)

11 ns propagation delay max

1.5 ns pulse width distortion

0.5 ns channel-channel skew

2 ns propagation delay skew

5 ns minimum pulse width
Transient immunity 45 kV/µs
AEC-Q100 qualification
Wide temperature range

–40 to 125 °C at 150 Mbps
RoHS compliant packages

SOIC-16 wide body

SOIC-8 narrow body
Industrial automation systems
Medical electronics
Hybrid electric vehicles
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power inverters
Communication systems
UL 1577 recognized

Up to 5000 VRMS for 1 minute
CSA component notice 5A approval

IEC 60950-1, 61010-1, 60601-1
(reinforced
insulation)
VDE certification conformity

IEC 60747-5-5
(VDE0884 Part 5)

EN60950-1 (reinforced insulation)
Ordering Information:
See page 29.


Similar Part No. - SI8410

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
SI8410 SILABS-SI8410 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8410-A-IS SILABS-SI8410-A-IS Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
SI8410-B-IS SILABS-SI8410-B-IS Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results

Similar Description - SI8410

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com