Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR67-21C Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # SIR67-21C
Description  Peak wavelength=875nm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR67-21C Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  SIR67-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2013-06-03 15:22:49.0
DATASHEET
SIR67-21C/TR8
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : MAY.20.2013. Issue No: DIR-0000957
www.everlight.com
0.6
-20
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
0
20
10
Relative Radiant Intensity vs. Angular
Displacement
Forward Voltage vs Ambient Temperature(°C)
25
1.1
1.2
1.3
1.4
50
75
100
120
IF=20mA


Similar Part No. - SIR67-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
185Kb / 9P
   Top Infrared LED
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
330Kb / 9P
   Top Infrared LED
More results

Similar Description - SIR67-21C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
   peak wavelength
logo
KODENSHI_AUK CORP.
ML341H KODENSHI-ML341H Datasheet
155Kb / 3P
   peak wavelength 870nm
EL341M KODENSHI-EL341M Datasheet
154Kb / 3P
   peak wavelength 940nm
EL342M KODENSHI-EL342M Datasheet
147Kb / 3P
   peak wavelength 940nm
logo
Marktech Corporate
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
   Peak Sensitivity Wavelength: 574nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
   Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
   Peak Emission Wavelength: 650nm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com