Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR67-21C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # SIR67-21C
Description  Peak wavelength=875nm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR67-21C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  SIR67-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2013-06-03 15:22:49.0
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : MAY.20.2013. Issue No: DIR-0000957
www.everlight.com
SIR67-21C/TR8
Features
Peak wavelength λp=875nm.
Low forward voltage.
Compatible with infrared and vapor phase reflow solder process.
Package in 8mm tape on 7” diameter reels.
Pb free
The product itself will remain within RoHS compliant version.
Description
SIR67-21C/TR8 is an infrared emitting diode in miniature SMD package which is molded in a water
clear plastic with flat top view lens.
The device is spectrally matched with silicon photodiode and phototransistor.
Applications
Floppy disk drive
Optoelectronic switch
Camera
VCR
Video
Smoke detector
Device Selection Guide
Device No.
Chip Material
Lens Color
SIR67-21C/TR8
GaAlAs
Water clear


Similar Part No. - SIR67-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
185Kb / 9P
   Top Infrared LED
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
330Kb / 9P
   Top Infrared LED
More results

Similar Description - SIR67-21C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
   peak wavelength
logo
KODENSHI_AUK CORP.
ML341H KODENSHI-ML341H Datasheet
155Kb / 3P
   peak wavelength 870nm
EL341M KODENSHI-EL341M Datasheet
154Kb / 3P
   peak wavelength 940nm
EL342M KODENSHI-EL342M Datasheet
147Kb / 3P
   peak wavelength 940nm
logo
Marktech Corporate
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
   Peak Sensitivity Wavelength: 574nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
   Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
   Peak Emission Wavelength: 650nm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com