Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1AA223CA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEC1AA223CA
Description  Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1AA223CA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEC1AA223CA Datasheet HTML 1Page - Panasonic Semiconductor ECEC1AA223CA Datasheet HTML 2Page - Panasonic Semiconductor ECEC1AA223CA Datasheet HTML 3Page - Panasonic Semiconductor ECEC1AA223CA Datasheet HTML 4Page - Panasonic Semiconductor ECEC1AA223CA Datasheet HTML 5Page - Panasonic Semiconductor ECEC1AA223CA Datasheet HTML 6Page - Panasonic Semiconductor ECEC1AA223CA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
38
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-HA Standard Ratings
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
0000
22 x 25
.80
2.07
0.075
0.063
2000
22 x 30
2.20
2.53
0.062
0.053
5000
22 x 35
2.30
2.65
0.053
0.045
25 x 25
2.30
2.65
0.053
0.045
8000
22 x 40
2.40
2.76
0.044
0.038
25 x 30
2.40
2.76
0.044
0.038
22000
22 x 45
2.60
2.99
0.038
0.032
25 x 35
2.60
2.99
0.038
0.032
30 x 25
2.60
2.99
0.038
0.032
27000
22 x 50
3. 0
3.57
0.033
0.028
25 x 40
3. 0
3.57
0.033
0.028
30 x 30
3. 0
3.57
0.033
0.028
35 x 25
3. 0
3.57
0.033
0.028
33000
25 x 45
3.40
3.9
0.027
0.023
30 x 35
3.40
3.9
0.027
0.023
35 x 30
3.40
3.9
0.027
0.023
39000
25 x 50
3.70
4.26
0.025
0.02
30 x 40
3.70
4.26
0.025
0.02
35 x 30
3.70
4.26
0.025
0.02
47000
30 x 45
4.20
4.83
0.023
0.020
35 x 35
4.20
4.83
0.023
0.020
56000
30 x 50
5.00
5.75
0.022
0.0 9
35 x 40
5.00
5.75
0.022
0.02
68000
35 x 50
5.50
6.33
0.02
0.020
3300
22 x 20
.30
.50
0.2 60. 73
4700
25 x 20
.60
.84
0. 52
0. 2
6800
22 x 25
2.20
2.53
0.085
0.068
30 x 20
.80
2.07
0. 05
0.084
8200
22 x 30
2.40
2.76
0.07
0.057
0000
22 x 30
2.60
2.99
0.066
0.053
25 x 25
2.60
2.99
0.066
0.053
35 x 20
2.40
2.76
0.07
0.057
2000
22 x 35
2.90
3.34
0.055
0.044
25 x 30
2.90
3.34
0.055
0.044
30 x 25
2.90
3.34
0.055
0.044
5000
22 x 40
3.20
3.68
0.046
0.037
25 x 35
3.20
3.68
0.046
0.037
30 x 30
3.20
3.68
0.046
0.037
8000
22 x 45
3.50
4.03
0.040
0.034
25 x 40
3.50
4.03
0.040
0.034
30 x 30
3.50
4.03
0.040
0.034
35 x 25
3.50
4.03
0.040
0.034
22000
25 x 45
3.80
4.37
0.033
0.028
30 x 35
3.80
4.37
0.033
0.028
35 x 30
3.80
4.37
0.033
0.028
27000
25 x 50
4.20
4.83
0.028
0.025
30 x 40
4.20
4.83
0.028
0.025
35 x 30
4.20
4.83
0.028
0.025
33000
30 x 45
4.70
5.4
0.023
0.020
35 x 35
4.70
5.4
0.023
0.020
39000
30 x 50
5. 0
5.87
0.022
0.020
35 x 40
5. 0
5.87
0.022
0.020
47000
35 x 45
5.50
6.33
0.020
0.0 8
56000
35 x 50
6.00
6.90
0.0 90.0 7
2200
22 x 20
.30
.50
0.24
0. 8
3300
25 x 20
.60
.84
0. 6
0. 2
4700
22 x 25
2.00
2.30
0. 06
0.079
30 x 20
.80
2.07
0. 3
0.085
5600
22 x 30
2.20
2.53
0.089
0.067
6800
22 x 30
2.40
2.76
0.073
0.055
25 x 25
2.40
2.76
0.073
0.055
35 x 20
2.30
2.65
0.080
0.060
ECOS1EA682CA
ECOS1EA682EL
ECOS1EA472DL
ECOS1EA562BA
ECOS1EA682BA
ECEC1AA223CA
ECOS1AA153CA
ECOS1AA183BA
ECOS1AA223BA
20°C ESR ( , max.)
ECEC1AA393EA
16 VDC Working, 20 VDC Surge
ECEC1AA273EA
ECEC1AA333CA
ECOS1AA683EA
ECOS1AA563DA
ECOS1AA393DA
ECOS1AA393EA
ECOS1AA333CA
ECOS1AA333DA
ECOS1AA333EA
ECOS1AA393CA
ECOS1CA473EA
ECEC1CA473EA
ECEC1EA682EL
ECOS1CA103BA
ECOS1CA103CA
ECOS1CA103EL
ECOS1CA123BA
ECOS1CA123CA
ECOS1CA123DA
ECOS1CA183EA
ECOS1CA223CA
ECOS1CA153CA
ECOS1CA153DA
ECOS1CA183BA
ECOS1CA183CA
ECOS1CA183DA
Max 105°C R.C. (Arms)
10 VDC Working, 3 VDC Surge
ECOS1AA153BA
ECOS1AA473EA
ECEC1AA333DA
ECEC1AA333EA
ECOS1AA273CA
ECOS1AA273DA
ECOS1AA273EA
ECOS1AA183CA
ECEC1AA183CA
Part numbers shown with 2 pins
ECEC1AA223BA
ECEC1AA183BA
6.3mm Length Terminal
Panasonic Part Number (By Terminal Length)
4.0mm Length Terminal
Size (mm)
D x L
ECEC1AA273DA
ECOS1AA223CA
ECOS1AA223DA
ECOS1AA273BA
ECOS1AA103BA
ECOS1AA123BA
ECOS1CA332BL
ECEC1AA473EA
ECEC1AA473DA
ECEC1CA332BL
ECOS1AA563EA
ECOS1AA473DA
ECEC1AA103BA
ECEC1AA123BA
ECEC1AA153BA
ECEC1AA153CA
ECEC1AA223DA
ECEC1AA273BA
ECEC1AA273CA
ECEC1CA682DL
ECEC1CA682BA
ECEC1CA822BA
ECEC1EA222BL
ECEC1CA153DA
ECEC1CA183EA
ECEC1CA223CA
ECEC1CA223DA
ECEC1CA223EA
ECEC1CA273CA
ECEC1EA332CL
ECEC1EA472BA
ECEC1EA472DL
ECEC1EA562BA
ECOS1EA472BA
ECOS1EA332CL
ECEC1EA682BA
ECOS1CA563EA
25 VDC Working, 32 VDC Surge
ECEC1EA682CA
ECOS1CA472CL
ECOS1CA682DL
ECOS1CA822BA
ECOS1CA682BA
ECOS1CA273EA
ECOS1CA333DA
ECOS1CA333EA
ECOS1CA223DA
ECOS1CA223EA
ECOS1CA273CA
ECOS1CA273DA
ECEC1CA123CA
ECEC1CA123DA
ECEC1CA153BA
ECEC1CA153CA
ECEC1CA183BA
ECEC1CA183CA
ECEC1CA183DA
ECOS1CA153BA
ECEC1AA393CA
ECEC1AA393DA
ECEC1CA472CL
ECEC1CA123BA
ECEC1AA563DA
ECEC1AA683EA
ECEC1AA563EA
ECEC1CA103CA
ECEC1CA103EL
ECEC1CA103BA
ECEC1CA273DA
ECEC1CA273EA
ECEC1CA333DA
ECEC1CA333EA
ECEC1CA393DA
ECEC1CA393EA
ECOS1CA393EA
ECOS1CA393DA
ECEC1CA563EA
ECOS1EA222BL


Similar Part No. - ECEC1AA223CA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1AA223CA PANASONIC-ECEC1AA223CA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1AA223CA PANASONIC-ECEC1AA223CA Datasheet
593Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1AA223CA PANASONIC-ECEC1AA223CA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEC1AA223CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com