Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC34H84 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC34H84
Description  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34H84 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC34H84 Datasheet HTML 2Page - Texas Instruments DAC34H84 Datasheet HTML 3Page - Texas Instruments DAC34H84 Datasheet HTML 4Page - Texas Instruments DAC34H84 Datasheet HTML 5Page - Texas Instruments DAC34H84 Datasheet HTML 6Page - Texas Instruments DAC34H84 Datasheet HTML 7Page - Texas Instruments DAC34H84 Datasheet HTML 8Page - Texas Instruments DAC34H84 Datasheet HTML 9Page - Texas Instruments DAC34H84 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
DAC34H84
SLAS751B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
LVDS SYNC positive input. Internal 100
Ω termination resistor. If unused it can be left unconnected.
SYNCP
A8
I
The PARITY, SYNC, and ISTR inputs are rotated to allow complete reversal of the data interface
when setting the rev_interface bit in register config1.
SYNCN
B8
I
LVDS SYNC negative input.
RESETB
N10
I
Active low input for chip RESET. Internal pull-up.
Transmit enable active high input. Internal pull-down.
To enable analog output data transmission, set sif_txenable in register config3 to
“1” or pull CMOS
TXENA
N9
I
TXENA pin to high.
To disable analog output, set sif_txenable to
“0” and pull CMOS TXENA pin to low. The DAC output
is forced to midscale.
TESTMODE
L11
I
This pin is used for factory testing. Internal pull-down. Leave unconnected for normal operation.
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
D7, L7
I
DACVDD or DIGVDD for normal operation.
ORDERING INFORMATION(1)
TA
ORDER CODE
PACKAGE DRAWING/TYPE(2)
TRANSPORT MEDIA
QUANTITY
DAC34H84IZAY
Tray
160
–40°C to 85°C
ZAY / 196 NFBGA
DAC34H84IZAYR
Tape and Reel
1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
MSL Peak Temperature: Level-3-260C-168 HR
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
DACVDD, DIGVDD, CLKVDD
–0.5
1.5
V
VFUSE
–0.5
1.5
V
Supply voltage
range(2)
IOVDD, IOVDD2
–0.5
4
V
AVDD, PLLAVDD
–0.5
4
V
DAB[15..0]P/N, DCD[15..0]P/N, DATACLKP/N, ISTRP/N, PARITYCDP/N,
–0.5
IOVDD + 0.5
V
SYNCP/N
DACCLKP/N, OSTRP/N
–0.5
CLKVDD + 0.5
V
ALARM, SDO, SDIO, SCLK, SDENB, SLEEP, RESETB, TESTMODE,
–0.5
IOVDD2 + 0.5
V
Pin voltage range(2)
TXENA
IOUTAP/N, IOUTBP/N, IOUTCP/N, IOUTDP/N
–1.0
AVDD + 0.5
V
EXTIO, BIASJ
–0.5
AVDD + 0.5
V
LPF
–0.5
PLLAVDD + 0.5
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA: DAC34H84
–40
85
°C
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under
“recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC34H84


Similar Part No. - DAC34H84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84IZAY TI1-DAC34H84IZAY Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84IZAY TI1-DAC34H84IZAY Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84IZAY TI1-DAC34H84IZAY Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC34H84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com