Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM30-00J0512-03E Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LM30-00J0512-03E
Description  30W,AC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LM30-00J0512-03E Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LM30-00J0512-03E Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LM30-00J0512-03E
2013.04.25-A/1
Page 4 of 4
EXTERNAL CIRCUIT PARAMETERS
Model
C1,C3,C5,C7(
µF)
C2(
µF)
C4,C6(
µF)
C8(
µF)
TVS1
TVS2 ,TVS3
TVS4
LM30-00J0512-03E
1
470
220
120
SMBJ7.0A
SMBJ20A
SMBJ30A
Note:
1. Output filtering capacitors C2,C4,C6,C8 are electrolytic capacitors, It is recommended to use high frequency and low impedance electrolytic capacitors. For
capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C1,C3,C5,C7 are ceramic
capacitor, it is used to filter high frequency noise, recommended to use 1
µF. TVS is a recommended component to protect post-circuits (if converter fails).
2. For standard EMC requirement, please refer to figure 1 .If higher EMC requirement ,please refer to figure 3, recommended parameters are shown in the table below.
Recommend Parameter For Higher EMC Standard Circuit
Components
Recommend Parameter
MOV1
S20K350
MOV2
S14K350
MOV3
S14K350
MOV4
S07K350
MOV5
S07K350
CX
0.15
µF/300VAC
CY3
2.2nF/400VAC
CY4
2.2nF/400VAC
R1,R2
2
Ω/3W winding resistor
R3
1M
Ω/2W
LCM
3.3mH, recommended to use MORNSUN
’s FL2D-10-332
GDT4
B5G3600
NTC
5D-14
FUSE
3.15A/250V, slow blow, it must be connected to FUSE
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT&PACKAGING
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - LM30-00J0512-03E

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E Datasheet
896Kb / 5P
   30W, AC/DC converter
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E_15 Datasheet
896Kb / 5P
   30W, AC/DC converter
More results

Similar Description - LM30-00J0512-03E

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E_15 Datasheet
896Kb / 5P
   30W, AC/DC converter
LO30-10C0512-20 MORNSUN-LO30-10C0512-20 Datasheet
934Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
LO30-10C0512-12L MORNSUN-LO30-10C0512-12L Datasheet
631Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
logo
ETA-USA
BWTSX-U ETA-USA-BWTSX-U Datasheet
1Mb / 4P
   30W AC/DC
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000_15 Datasheet
696Kb / 7P
   DC/DC CONVERTER 30W
MKW5000 MINMAX-MKW5000_15 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
   30W Reliable Railway DC-DC Converter
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
   AC/DC Power Module 30W
logo
GAPTEC Electronic GmbH ...
30ACMEB GAPTEC-30ACMEB Datasheet
1Mb / 4P
   30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com