Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH60-20B24 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH60-20B24
Description  60W,AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH60-20B24 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH60-20B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH60-20B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH60-20B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH60-20B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH60-20B24 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH60-20BXX series
2013.08.28-A/2
Page 1 of 5
LH60-20BXX SERIES
60W,AC-DC CONVERTER
LH60-20BXXseries ---- 60W converter offered by Mornsun. It features universal input
voltage, both AC and DC input voltage, high efficiency, high reliability, low power
consumption and safe isolation. It offers good EMC performance, which meet
IEC/EN61000-4, CISPR22/EN55022, UL60950 and EN60950 standards, and it
’s
widely used in industrial and electrical applications. For harsh EMC environment, the
application circuit in the datasheet is strongly recommended.
RoHS
PRODUCT FEATURES
1. Universal input range:90~264VAC/120~370VDC
2. AC and DC all in one (input from the same terminal)
3. Low standby power consumption, high efficiency,4000VAC safe
isolation
4. low ripple and noise
5. Protection of input under-voltage, output short circuit, over-current,
over-voltage
6. Perfect EMC performance, and EFT, surge meet level 4
7. Meet IEC61000, UL60950and IEC60950 standards
8. 3 years product warranty
PART NUMBER SYSTEM
LH60-20B24
SELECTION GUIDE
Approval
Model
Package
Power
Output
(Vo/Io)
Max.
Capacitive
Load
Ripple
and Noise
(Max.)
Efficiency
(230VAC,
Typ.)
Standby Power
Consumption
(Max.)
LH60-20B05
LH60-20B05-DT
50W
5V/10A
80000
µF
82%
LH60-20B09
*LH60-20B09-DT
9V/6.6A
28000
µF
84%
LH60-20B12
LH60-20B12-DT
12V/5A
14000
µF
86%
LH60-20B15
*LH60-20B15-DT
15V/4A
12000
µF
86%
LH60-20B24
*LH60-20B24-DT
24V/2.5A
4000
µF
86%
LH60-20B48
UL/CE
*LH60-20B48-DT
109.0*58.5*30.0mm
60W
48V/1.25A
1000
µF
150mV
86%
0.5W
Note: 1.*Designing.
2. There isn
,
t input under voltage protection for LH60-20BXX-DT series.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
AC Input
90
--
264
Input Voltage Range
LH60-20BXX(-DT)
DC Input
120
--
370
AC Input
65
--
90
Start-up
Voltage
DC Input
92
--
122
AC Input
55
--
75
Input Under Voltage
Protection
Shutdown
Voltage
LH60-20BXX
DC Input
79
--
105
V
Input Frequency
47
--
63
Hz
115VAC Input
--
--
1.4
Input Current
230VAC Input
--
--
0.7
115VAC Input
--
30
--
Inrush Current
230VAC Input
--
50
--
A


Similar Part No. - LH60-20B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B24 MORNSUN-LH60-20B24 Datasheet
419Kb / 7P
   60W, AC/DC converter
More results

Similar Description - LH60-20B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com