Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO10-26DX512-04 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LO10-26DX512-04
Description  AC-DC converter for electric meters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LO10-26DX512-04 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LO10-26DX512-04 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LO10-26DX512-04 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LO10-26DX512-04 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LO10-26DX512-04 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LO10-26DX512-04 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LO10-26DX512-04
A/1-2012
Page 5 of 5
PACKAGE DIAGRAM
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-28203068
Http://www.mornsun-power.com
Inner packaging box dimensions: L*W*H=365*350*105mm
Packaging quantity:24 pcs
Outer packaging box dimensions: L*W*H=390*360*245mm
Packaging quantity:48 pcs


Similar Part No. - LO10-26DX512-04

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
More results

Similar Description - LO10-26DX512-04

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO18-26C0513-03 MORNSUN-LO18-26C0513-03 Datasheet
624Kb / 5P
   AC-DC converter for electric meters
logo
Toshiba Semiconductor
TA8126S TOSHIBA-TA8126S Datasheet
401Kb / 10P
   DC/DC CONVERTER FOR ELECTRIC TUNING (3V USE)
TA2048FN TOSHIBA-TA2048FN Datasheet
305Kb / 8P
   DC/DC CONVERTER FOR ELECTRIC TUNING (1.5V USE)
TA8198F TOSHIBA-TA8198F Datasheet
308Kb / 8P
   DC/DC CONVERTER FOR ELECTRIC TUNING (3V USE)
logo
Extech Instruments Corp...
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com