Electronic Components Datasheet Search |
|
ECEC1CA273CA Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECEC1CA273CA Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 7 page Panasonic Industrial Company Aluminum Electrolytic Capacitors 37 Design and specifications are subject to change without notice. Contact the factory or your sales representative for technical specifications before purchase and/or use. When safety concerns arise, please contact Panasonic immediately for technical consultation. Long 3000 hour life at 105°C with high ripple current capability 2 and 3 pin versions available Can vent construction **Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature. Part Number System Diameter Code 22 B 25 C 30 D 35 E Leakage Current: Ripple Current Multipliers: 3 CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV Endurance: *2000 hours for 20mm length sizes 3000 hours* at + 05°C with maximum specified ripple current (see page 4) TS-HA/HB Series 105°C, 3000 hours Nominal Capacitance: 80~68000µF Rated Working Voltage: Operating Temperature: 0 ~ 250 VDC -40 ~ + 05°C 385 ~ 450 VDC -25 ~ + 05°C 82~560µF Capacitance Tolerance: Dissipation Factor: (120 Hz, +20°C) ± 20% Diameter Frequency(Hz): 16~100WV: 50 160~450WV: 0.93 0.75 0.95 0.8 1.0 1.0 1.2 1.08 1.25 1.15 1.4 1.05 60 100~120 500 1k 10k T L+2 max. D+1 max. Circuit Board Mounting Holes 10.0±0.1 Ø2.0±0.1 Ø2.0±0.1 4.75±0.1 Ø2.5 min. 3.3±0.1 T L+2 max. D+1 max. 10.0±0.1 2 x Ø2.0±0.1 Circuit Board Mounting Holes 2 Pin Mounting Style 3 Pin Mounting Style Pin Dimensions Working Voltage [V]: Max. D.F. (%): 0 55 25 20 00 ~ 450 5 (rated cap. [µF] - 33000 ) 000 For capacitance values > 33000µF, add the value of: 6 45 25 35 35 30 50 63 80 7 Ripple Current Ambient Temperature Factors** 45°C 2.35 60°C 70°C 85°C Temperature (°C): Multiplier: 1.7 2.0 2.2 105°C 1.0 4mm Length: Standard on 3 Pin, Available on 2 Pin Mounting Styles +0.2 "T" 6.3mm Length: Standard on 2 Pin Mounting Style Top of Capacitor Body 4.0±0.5 1.5±0.2 2.0 max. 0.8 +0.2 -0.1 3.5 6.3±1.0 1.5±0.2 2.0 max. 0.8 -0.1 4.0 E C A Capacitance Code Series Code Voltage Code 2G 2T 2E 2D 2C 2A K J H V E 25 35 50 63 80 00 60 200 250 385 400 C 6 2W 450 A 0 Terminal Style ECOS ECEC ECE3 Prefix Length # of Pins 6.3mm 4.0mm 4.0mm 2 2 3 B RoHS Compliant Suffix A X L Standard Ratings Extended CV Ratings 20mm Length Ratings RoHS compliant PVC sleeve and top plate is standard. PET sleeve is available without top plate. |
Similar Part No. - ECEC1CA273CA |
|
Similar Description - ECEC1CA273CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |