Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB2403(M)D-3W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # MSB2403(M)D-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MSB2403(M)D-3W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  MSB2403(M)D-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MSB2403(M)D-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MSB2403(M)D-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MSB2403(M)D-3W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. MSB2403(M)D-3W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. MSB2403(M)D-3W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
MSA_(M)D-3W&MSB_(M)D-3W
B/0-2012
Page 2 of 6
Input
Voltage(VDC)
Output Current (mA)
Input Current (mA)(typ.)
Model Number
Nominal
(Range)
Max*
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load
# (µF)
Efficiency
(%, typ.)
@Max.
Load
Certificate
MSA4805(M)D-3W
±5
±300
±30
82
680
76
MSA4812(M)D-3W
±12
±125
±12
78
330
80
MSA4815(M)D-3W
±15
±100
±10
77
6
20
220
81
MSB4803(M)D-3W
3.3
909
90
84
2200
74
MSB4805(M)D-3W
5
600
60
82
1000
76
MSB4809(M)D-3W
9
333
33
80
680
78
MSB4812(M)D-3W
12
250
25
77
470
81
MSB4815D-3W
15
200
20
78
330
80
MSB4824(M)D-3W
48
(36-72)
80
24
125
12
76
8
25
220
82
Note: 1.*Input voltage can
’t exceed this value, or will cause the permanent damage.
2. Models listed with strike-through text have been officially discontinued.
3.
#
For each output.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
5VDC input
-0.7
--
12
12VDC input
-0.7
--
25
24VDC input
-0.7
--
50
Input Surge Voltage (1sec. max.)
48VDC input
-0.7
--
100
5VDC input
--
4.0
4.5
12VDC input
--
8.5
9
24VDC input
--
17
18
Start-up Voltage
48VDC input
--
34
36
VDC
Short Circuit Input Power
--
1.5
2.5
W
Input Filter
π Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Power
0.3
--
3
W
Positive voltage accuracy
--
±1
±3
Negative voltage accuracy
Refer to recommended circuit
--
±3
±5
Output Voltage Balance
Dual Output, Balanced Loads
--
±0.5
±1
Line Regulation
Input voltage from low to high
--
±0.2
±0.5
Load Regulation
From10% to 100% load
--
±0.5
±1
%
Transient Recovery Time
--
6
15
ms
Transient Response Deviation
25% Load step change
--
±3
±5
%
Temperature Drift
Refer to recommended circuit
--
--
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
--
50
100
mVp-p
Short Circuit Protection
Continuous, automatic recovery
Note: 1.Dual output models unbalanced load: ≤
±5%.
2.*Ripple and noise tested by
“parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input/Output,100KHz/1V
--
80
--
pF
Switching Frequency
100% load, input voltage range
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Case Material
D: Plastic(UL94-V0), MD:Stainless steel
Weight
--
15
--
g


Similar Part No. - MSB2403(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MSB2403MD-3W MORNSUN-MSB2403MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSB2403(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com