Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA4812(M)D-3W Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # MSA4812(M)D-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MSA4812(M)D-3W Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  MSA4812(M)D-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MSA4812(M)D-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MSA4812(M)D-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MSA4812(M)D-3W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. MSA4812(M)D-3W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. MSA4812(M)D-3W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
MSA_(M)D-3W&MSB_(M)D-3W
B/0-2012
Page 5 of 6
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
DUAL OUTPUT
12 3
12
11
10
(Bottom View)
31.50[1.240]
MS_D
MS_MD
31.80[1.252]
27.94 [1.100]
2.54 [0.100]
15 14 13
22
23
24
12 3
10 11 12
24 23 22
13
14
15
∅1.00 [0.039]
Note:
Unit:mm[inch]
Pin diameter tolerances:
±0.10mm[±0.004inch]
General tolerances:
±0.25mm[±0.010inch]
TUBE OUTLINE DIMENSIONS
SINGLE OUTPUT
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Tube Quantity: 15pcs
L=220mm[8.661inch]
Tube Quantity: 6pcs
1,24
3,22
2,23
10,15
11,14
No Pin
Vin
GND
-Vo
+Vo
0V
12,13
Vin
GND
0V
No Pin
0V
+Vo
Pin
Single
Dual
FO OTPRINT DETAILS
NC:No connection
∅0.50 [0.020]
(Front View)
Short tube inner package dimensions: L*W*H= 255*170*80mm
Short tube outer package dimensions(with six inner package boxes):
L*W*H= 375*280*270mm
Long tube inner package dimensions:
L*W*H= 580*200*100mm
Long tube outer package dimensions(with two inner package boxes):
L*W*H= 600*215*220mm
Long tube outer package dimensions(with three inner package boxes):
L*W*H= 600*215*325mm
13
14
15
12
11
10
1
24
Note: grid 2.54*2.54mm.
23.50[0.925]
10.50[0.413]
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load.
If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our
company
’s products with a lower rated output power.
2) Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is add a circuit
breaker to the circuit.
3) Recommended circuit
All the MSA_(M)D-3W & MSB_(M)D-3W Series have been tested according to the following recommended testing circuit before leaving
factory(Figure 3).
If you want to further decrease the input/output ripple, you can increase a capacitance properly or choose capacitors with low ESR. However, the
capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output,
provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor must less than the Max. Capacitive Load. Generally:
If you want to use the products in high EMI, please choose our metal packaged products (MSA_MD-3W & MSB_MD- 3W).
General: Cin:
5V&12V
100
μF
24V&48V
10
μF~47μF
Cout: 10
μF/100mA


Similar Part No. - MSA4812(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MSA4812MD-3W MORNSUN-MSA4812MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSA4812(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com