Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS22EV5110 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS22EV5110
Description  DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS22EV5110 Datasheet(HTML) 3 Page - Texas Instruments

  DS22EV5110_14 Datasheet HTML 1Page - Texas Instruments DS22EV5110_14 Datasheet HTML 2Page - Texas Instruments DS22EV5110_14 Datasheet HTML 3Page - Texas Instruments DS22EV5110_14 Datasheet HTML 4Page - Texas Instruments DS22EV5110_14 Datasheet HTML 5Page - Texas Instruments DS22EV5110_14 Datasheet HTML 6Page - Texas Instruments DS22EV5110_14 Datasheet HTML 7Page - Texas Instruments DS22EV5110_14 Datasheet HTML 8Page - Texas Instruments DS22EV5110_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DAP = GND
DS22EV5110
(Top View)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
D_IN2+
D_IN2-
D_IN1+
D_IN1-
D_IN0+
D_IN0-
C_IN+
C_IN-
D_OUT2+
D_OUT2-
D_OUT1+
D_OUT1-
D_OUT0+
D_OUT0-
C_OUT+
C_OUT-
VDD
VDD
VDD
VDD
GND
GND
GND
GND
DS22EV5110
www.ti.com
SNLS311D – APRIL 2009 – REVISED FEBRUARY 2010
Pin Descriptions (continued)
Pin Name
Pin Number
I/O, Type
Description
LOCK
14
O, LVCMOS
Lock Indicator Output pin.
H = PLL is locked.
L = PLL is not locked.
VOD_CRL
48
I,
VOD control pin. Refer to Table 4. See Functional Description.
Analog
External resistance = 24 k
Ω to GND, Output DC Coupled Application.
External resistance = 12 k
Ω to GND, Output AC Coupled Application.
LFp
40
I,
Loop filter capacitor pins.
LFn
41
Analog
See Functional Description.
Power
VDD
3, 6, 7,
Power
VDD = 3.3 V ±5%. VDD pins should be tied to the VDD plane through a low inductance path. A
10, 13,
0.1 µF bypass capacitor should be connected between each VDD pin to the GND planes. See
15, 46
Power Supply Bypassing for additional details.
GND
22, 24,
GND
Ground reference. GND should be tied to a solid ground plane through a low impedance
27, 30,
path.
31, 34
Exposed
DAP
GND
Ground reference. The exposed pad at the center of the package must be connected to the
DAP
ground plane.
Other
Reserv
16, 17,
Reserved. Do not connect. Leave open.
18, 19,
20,21,
23
Connection Diagram
TOP VIEW — Not to Scale
Table 1. Ordering Information
NSID
Package
Tape & Reel QTY
Package Number
DS22EV5110SQE
48 Lead LLP
250
SQA48A
DS22EV5110SQ
48 Lead LLP
1000
SQA48A
DS22EV5110SQX
48 Lead LLP
2,500
SQA48A
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS22EV5110


Similar Part No. - DS22EV5110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS22EV5110 TI1-DS22EV5110_15 Datasheet
3Mb / 23P
[Old version datasheet]   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
More results

Similar Description - DS22EV5110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS22EV5110 TI1-DS22EV5110_15 Datasheet
3Mb / 23P
[Old version datasheet]   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
National Semiconductor ...
DS22EV5110 NSC-DS22EV5110 Datasheet
1Mb / 18P
   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_14 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_15 Datasheet
5Mb / 26P
[Old version datasheet]   DS34RT5110 DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com