Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25BR204 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS25BR204
Description  3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR204 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS25BR204 Datasheet HTML 3Page - Texas Instruments DS25BR204 Datasheet HTML 4Page - Texas Instruments DS25BR204 Datasheet HTML 5Page - Texas Instruments DS25BR204 Datasheet HTML 6Page - Texas Instruments DS25BR204 Datasheet HTML 7Page - Texas Instruments DS25BR204 Datasheet HTML 8Page - Texas Instruments DS25BR204 Datasheet HTML 9Page - Texas Instruments DS25BR204 Datasheet HTML 10Page - Texas Instruments DS25BR204 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
RL
OUT+
OUT-
IN+
IN-
Signal Generator
¼ DS25BR204
R
D
R
D
RL
VOL
OUT+
OUT-
IN+
IN-
Power Supply
Power Supply
¼ DS25BR204
VOH
DS25BR204
www.ti.com
SNLS259C – NOVEMBER 2007 – REVISED MAY 2011
AC Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTJ1BD
Total Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
0.07
0.12
UIP-P
Input Test Channel D
VCM = 1.2V
tTJ2BD
Output Test Channel B
PRBS-23 (NRZ)
3.125 Gbps
0.08
0.15
UIP-P
(10)
DC Test Circuits
Figure 2. Differential Driver DC Test Circuit
AC Test Circuits and Timing Diagrams
Figure 3. Differential Driver AC Test Circuit
Figure 4. Propagation Delay Timing Diagram
Figure 5. LVDS Output Transition Times
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS25BR204


Similar Part No. - DS25BR204

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204 Datasheet
362Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
DS25BR204 NSC-DS25BR204 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25BR204 TI1-DS25BR204 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204TSQ NSC-DS25BR204TSQ Datasheet
362Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
DS25BR204TSQ NSC-DS25BR204TSQ Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
More results

Similar Description - DS25BR204

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204 Datasheet
362Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com