Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EV400 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EV400
Description  DisplayPort??Quad Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EV400 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS32EV400 Datasheet HTML 5Page - Texas Instruments DS32EV400 Datasheet HTML 6Page - Texas Instruments DS32EV400 Datasheet HTML 7Page - Texas Instruments DS32EV400 Datasheet HTML 8Page - Texas Instruments DS32EV400 Datasheet HTML 9Page - Texas Instruments DS32EV400 Datasheet HTML 10Page - Texas Instruments DS32EV400 Datasheet HTML 11Page - Texas Instruments DS32EV400 Datasheet HTML 12Page - Texas Instruments DS32EV400 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DS32EV400
www.ti.com
SNLS280E – AUGUST 2007 – REVISED OCTOBER 2009
SYSTEM MANAGEMENT BUS (SMBUS) AND CONFIGURATION REGISTERS
The System Management Bus interface is compatible to SMBus 2.0 physical layer specification. The use of the
Chip Select signal is required. Holding the CS pin High enables the SMBus port allowing access to the
configuration registers. Holding the CS pin Low disables the device's SMBus allowing communication from the
host to other slave devices on the bus. In the STANDBY state, the System Management Bus remains active.
When communication to other devices on the SMBus is active, the CS signal for the DS32EV400s must be
driven Low.
The address byte for all DS32EV400s is AC'h. Based on the SMBus 2.0 specification, the DS32EV400 has a 7-
bit slave address of 1010110'b. The LSB is set to 0'b (for a WRITE), thus the 8-bit value is 1010 1100'b or AC'h.
The SDC and SDA pins are 3.3V LVCMOS signaling and include high-Z internal pull up resistors. External low
impedance pull up resistors maybe required depending upon SMBus loading and speed. Note, these pins are not
5V tolerant.
Transfer of Data via the SMBus
During normal operation the data on SDA must be stable during the time when SDC is High.
There are three unique states for the SMBus:
START: A High-to-Low transition on SDA while SDC is High indicates a message START condition.
STOP: A Low-to-High transition on SDA while SDC is High indicates a message STOP condition.
IDLE: If SDC and SDA are both High for a time exceeding tBUF from the last detected STOP condition or if they
are High for a total exceeding the maximum specification for tHIGH then the bus will transfer to the IDLE state.
SMBus Transactions
The device supports WRITE and READ transactions. See Table 1 for register address, type (Read/Write, Read
Only), default value and function information.
Writing a Register
To write a register, the following protocol is used (see SMBus 2.0 specification).
1. The Host (Master) selects the device by driving its SMBus Chip Select (CS) signal High.
2. The Host drives a START condition, the 7-bit SMBus address, and a “0” indicating a WRITE.
3. The Device (Slave) drives the ACK bit (“0”).
4. The Host drives the 8-bit Register Address.
5. The Device drives an ACK bit (“0”).
6. The Host drive the 8-bit data byte.
7. The Device drives an ACK bit (“0”).
8. The Host drives a STOP condition.
9. The Host de-selects the device by driving its SMBus CS signal Low.
The WRITE transaction is completed, the bus goes IDLE and communication with other SMBus devices may
now occur.
Reading a Register
To read a register, the following protocol is used (see SMBus 2.0 specification).
1. The Host (Master) selects the device by driving its SMBus Chip Select (CS) signal High.
2. The Host drives a START condition, the 7-bit SMBus address, and a “0” indicating a WRITE.
3. The Device (Slave) drives the ACK bit (“0”).
4. The Host drives the 8-bit Register Address.
5. The Device drives an ACK bit (“0”).
6. The Host drives a START condition.
7. The Host drives the 7-bit SMBus Address, and a “1” indicating a READ.
8. The Device drives an ACK bit “0”.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS32EV400


Similar Part No. - DS32EV400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400 Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS32EV400SQ NSC-DS32EV400SQ Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400SQ/NOPB TI1-DS32EV400SQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
More results

Similar Description - DS32EV400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com