Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS64EV100 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS64EV100
Description  Programmable Single Equalizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS64EV100 Datasheet(HTML) 4 Page - Texas Instruments

  DS64EV100_14 Datasheet HTML 1Page - Texas Instruments DS64EV100_14 Datasheet HTML 2Page - Texas Instruments DS64EV100_14 Datasheet HTML 3Page - Texas Instruments DS64EV100_14 Datasheet HTML 4Page - Texas Instruments DS64EV100_14 Datasheet HTML 5Page - Texas Instruments DS64EV100_14 Datasheet HTML 6Page - Texas Instruments DS64EV100_14 Datasheet HTML 7Page - Texas Instruments DS64EV100_14 Datasheet HTML 8Page - Texas Instruments DS64EV100_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS64EV100
SNLS232D – OCTOBER 2007 – REVISED APRIL 2008
www.ti.com
Typ
Symbol
Parameter
Conditions
Min
Max
Units
(1)
VOH
High Level Output
IOH = –3 mA, VDD3.3
2.4
V
Voltage
IOH = –3 mA, VDD2.5
2.0
V
VOL
Low Level Output
IOL = 3 mA
0.4
V
Voltage
IIN
Input Current
VIN = VDD
+1.8
+15
µA
VIN = GND
−15
0
µA
IIN-P
Input Leakage
VIN = GND, with internal pull-down resistors
+95
µA
Current with Internal
VIN = GND, with internal pull-up resistors
Pull-Down/Up
–20
µA
Resistors
CML RECEIVER INPUTS (IN+, IN
−)
VTX
Source Transmit
AC-Coupled or DC-Coupled Requirement,
Launch Signal Level
Differential measurement at point A.
400
1600
mVP-P
(IN diff)
(Figure 1)
VINTRE
Input Threshold
Differential measurement at point B .
120
mVP-P
Voltage
(Figure 1)
VDDTX
Supply Voltage of
DC-Coupled Requirement
1.6
VDD
V
Transmitter to EQ
VICMDC
Input Common-Mode
DC-Coupled Requirement Differential
Voltage
measurement at point A.
VDDTX-0.8
VDDTX-0.2
V
(Figure 1), (Note 7)
RLI
Differential Input
100 MHz – 3.2 GHz, with fixture’s effect de-
10
dB
Return Loss
embedded
RIN
Input Resistance
Differential Across IN+ and IN-. (Figure 4)
85
100
115
CML OUTPUTS (OUT+, OUT
−)
VOD
Output Differential
Differential measurement with OUT+ and OUT-
Voltage Level (OUT
terminated by 50
Ω to GND, AC-Coupled
550
620
725
mVP-P
diff)
(Figure 2)
VOCM
Output Common-
Single-ended measurement DC-Coupled with
Mode Voltage
50
Ω terminations
VDD-0.2
VDD-0.1
V
(Note 7)
tR, tF
Transition Time
20% to 80% of differential output voltage,
measured within 1” from output pins.
20
60
ps
(Figure 2)
(Note 7)
RO
Output Resistance
Single-ended to VDD
42
50
58
RLO
Differential Output
100 MHz – 1.6 GHz, with fixture’s effect de-
10
dB
Return Loss
embedded. IN+ = static high.
tPLHD
Differential Low to
Propagation delay measurement at 50% VOD
High Propagation
between input to output, 100 Mbps
240
ps
Delay
(Figure 3), (Note 7)
tPHLD
Differential High to
Low Propagation
240
ps
Delay
EQUALIZATION
DJ1
Residual
30” of 6 mil microstrip FR4, EQ Setting 0x06,
Deterministic Jitter at
PRBS-7 (27-1) pattern
0.20
UIP-P
10 Gbps
(Note 5, 6)
DJ2
Residual
40” of 6 mil microstrip FR4, EQ Setting 0x06,
Deterministic Jitter at
PRBS-7 (27-1) pattern
0.17
0.26
UIP-P
6.4 Gbps
(Note 5, 6)
DJ3
Residual
40” of 6 mil microstrip FR4, EQ Setting 0x07,
Deterministic Jitter at
PRBS-7 (27-1) pattern
0.12
0.20
UIP-P
5 Gbps
(Note 5, 6)
DJ4
Residual
40” of 6 mil microstrip FR4, EQ Setting 0x07,
Deterministic Jitter at
PRBS-7 (27-1) pattern
0.10
0.16
UIP-P
2.5 Gbps
(Note 5, 6)
RJ
Random Jitter
(Note 7, 8)
0.5
psrms
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: DS64EV100


Similar Part No. - DS64EV100_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS64EV100 TI1-DS64EV100_15 Datasheet
1Mb / 16P
[Old version datasheet]   Programmable Single Equalizer
More results

Similar Description - DS64EV100_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EV100 NSC-DS32EV100_08 Datasheet
641Kb / 10P
   Programmable Single Equalizer
DS32EV100 NSC-DS32EV100 Datasheet
636Kb / 10P
   Programmable Single Equalizer
DS64EV100 NSC-DS64EV100 Datasheet
888Kb / 10P
   Programmable Single Equalizer
DS64EV100 NSC-DS64EV100_08 Datasheet
893Kb / 10P
   Programmable Single Equalizer
logo
Texas Instruments
DS64EV100 TI1-DS64EV100_15 Datasheet
1Mb / 16P
[Old version datasheet]   Programmable Single Equalizer
DS32EV100 TI1-DS32EV100_15 Datasheet
1Mb / 15P
[Old version datasheet]   DS32EV100 Programmable Single Equalizer
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com