Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-8142 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-28-8142
Description  KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 14 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-28-8142 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-28-8142 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-8142 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42377-0084
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42377-001
This document was generated on 08/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-28-8142

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-8142 MOLEX3-22-28-8142 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 14 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244")
More results

Similar Description - 22-28-8142

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-8092 MOLEX11-22-28-8092 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 9 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8102 MOLEX11-22-28-8102 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 10 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8122 MOLEX11-22-28-8122 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 12 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8162 MOLEX11-22-28-8162 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 16 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8032 MOLEX11-22-28-8032 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 3 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8072 MOLEX11-22-28-8072 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 7 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8202 MOLEX3-22-28-8202 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 20 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8112 MOLEX11-22-28-8112 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 11 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8042 MOLEX11-22-28-8042 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 4 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8242 MOLEX11-22-28-8242 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 24 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com