Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERC25 Datasheet(PDF) 2 Page - Fuji Electric

Part # ERC25
Description  FAST RECOVERY DIODE( 400 to 600V / 1.2A )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERC25 Datasheet(HTML) 2 Page - Fuji Electric

  ERC25 Datasheet HTML 1Page - Fuji Electric ERC25 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ERC25(1.2A)
(400V to 600V / 1.2A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
Surge capability
IFSM
[A]
1
3
5
10
30
Current derating (IF(AV)-Ta)
IF(AV)
[A]
Ta [°C]
Junction capacitance characteristics
Cj
[pF]
VR [V]
10
30
50
100
200
5
3
1.0
0.5
0.3
0.1
0.05
0.03
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100
50
30
10
5
3
1
0.1
0
100
200
300
400
500
600
700
50
30
10
5
3
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
100
50
30
10
5
3
[time] (at 50Hz)


Similar Part No. - ERC25

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERC25-04 BILIN-ERC25-04 Datasheet
53Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
ERC25-04 DSK-ERC25-04 Datasheet
252Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
ERC25-04 LUGUANG-ERC25-04 Datasheet
1Mb / 2P
   F ast Recovery Rectifiers
logo
EIC discrete Semiconduc...
ERC25-04 EIC-ERC25-04 Datasheet
80Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
Rev. 02 : March 25, 2005
logo
Galaxy Semi-Conductor H...
ERC25-06 BILIN-ERC25-06 Datasheet
53Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - ERC25

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERD38 FUJI-ERD38 Datasheet
53Kb / 2P
   FAST RECOVERY DIODE( 400 to 600V / 1.5A )
ERC38 FUJI-ERC38 Datasheet
44Kb / 2P
   FAST RECOVERY DIODE( 400 to 600V / 1A )
ERD29 FUJI-ERD29 Datasheet
49Kb / 2P
   FAST RECOVERY DIODE( 200 to 600V / 2.5A )
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
RJU60C6TDPP-AJ RENESAS-RJU60C6TDPP-AJ Datasheet
109Kb / 5P
   600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
   600V - 60A - Dual Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ_15 Datasheet
70Kb / 4P
   600V - 30A - Single Diode Fast Recovery Diode
RJU65F23DWA RENESAS-RJU65F23DWA Datasheet
88Kb / 5P
   600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
RJU60C3SDPD RENESAS-RJU60C3SDPD_15 Datasheet
67Kb / 4P
   600V - 30A - Single Diode Fast Recovery Diode
RJU60C6WDPK-M0 RENESAS-RJU60C6WDPK-M0 Datasheet
65Kb / 4P
   600V - 50A - Dual Diode Super Fast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com