Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B42180 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # B42180
Description  Binning and Labeling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

B42180 Datasheet(HTML) 4 Page - Seoul Semiconductor

  B42180 Datasheet HTML 1Page - Seoul Semiconductor B42180 Datasheet HTML 2Page - Seoul Semiconductor B42180 Datasheet HTML 3Page - Seoul Semiconductor B42180 Datasheet HTML 4Page - Seoul Semiconductor B42180 Datasheet HTML 5Page - Seoul Semiconductor B42180 Datasheet HTML 6Page - Seoul Semiconductor B42180 Datasheet HTML 7Page - Seoul Semiconductor B42180 Datasheet HTML 8Page - Seoul Semiconductor B42180 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev. 20
SEPTEMBER 2012
www.acriche.com
4
Document No. : SSC-QP-7-07-24 (Rev.00)
X5
Package Outline Size
9
9 X 9 mm
8
D 8 mm
6
5 X 6 mm
5
D 5 mm
X6
Metal PCB Type
0
Emitter Only
2
Star
X4
Chip Quantity (or Power Dissipation)
1
1 chip (1W)
2
2 chip (2.5W)
3
Full Color (7-color)
4
4 chip (5W)
X7
Grade of Characteristic Code
H
P4 Warm, Natural White Code
C
P9 Characteristic Code


Similar Part No. - B42180

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
B42180-07 SEOUL-B42180-07 Datasheet
3Mb / 29P
   Full Code of Z-Power LED Series
More results

Similar Description - B42180

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
OSRAM GmbH
KRDMLS31.23 OSRAM-KRDMLS31.23_16 Datasheet
708Kb / 22P
   Dual Binning
logo
Lumileds Lighting Compa...
LX18-P127-Y LUMILEDS-LX18-P127-Y Datasheet
1Mb / 17P
   Freedom From Binning
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com