Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25834D6336K004 Datasheet(PDF) 10 Page - EPCOS

Part # B25834D6336K004
Description  Power Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834D6336K004 Datasheet(HTML) 10 Page - EPCOS

Back Button B25834D6336K004 Datasheet HTML 6Page - EPCOS B25834D6336K004 Datasheet HTML 7Page - EPCOS B25834D6336K004 Datasheet HTML 8Page - EPCOS B25834D6336K004 Datasheet HTML 9Page - EPCOS B25834D6336K004 Datasheet HTML 10Page - EPCOS B25834D6336K004 Datasheet HTML 11Page - EPCOS B25834D6336K004 Datasheet HTML 12Page - EPCOS B25834D6336K004 Datasheet HTML 13Page - EPCOS B25834D6336K004 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Please read Cautions and warnings and
8
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
Dimensional drawing 4
Dual tab connectors 9.5 mm
Dimensions in mm
d–1,2
l –4
∅ d
1– 0,4 Creepage
distance
Clear-
ance
79.2
104
75.2
10
10
89.3
104
85.2
KLK1294-P
M12
ød 1
15,5 min.
35±2
Tab connector
A 9,5 x 1,2
DIN 46 244
Dimensional drawing 3
Dual tab connectors 6.3 mm
Dimensions in mm
*) 8 mm = threaded bolt M8
12 mm = threaded bolt M12
Mounting parts (included in delivery)
dl
l1+1*) Creepage
distance
Clearance
40
86
8
10
6
40
156
8
50
86
12
50
156
12
60
86
12
Toothed washer
Hex nut
J 8.2 DIN 6797
M 8 ISO 4035
J 12.5 DIN 6797
M12 ISO 4035
KLK1297-E
8+0,5
6,3±0,1
+0,5
–0,2
+1
–2


Similar Part No. - B25834D6336K004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25834 EPCOS-B25834 Datasheet
303Kb / 12P
   MKV AC capacitors
B25834-D0106-K004 EPCOS-B25834-D0106-K004 Datasheet
303Kb / 12P
   MKV AC capacitors
B25834-D0156-K004 EPCOS-B25834-D0156-K004 Datasheet
303Kb / 12P
   MKV AC capacitors
B25834-D0226-K004 EPCOS-B25834-D0226-K004 Datasheet
303Kb / 12P
   MKV AC capacitors
B25834-D0475-K004 EPCOS-B25834-D0475-K004 Datasheet
303Kb / 12P
   MKV AC capacitors
More results

Similar Description - B25834D6336K004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25640 EPCOS-B25640 Datasheet
944Kb / 9P
   Power Capacitors
B25667B4307A375 EPCOS-B25667B4307A375 Datasheet
103Kb / 3P
   Power Capacitors
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com