Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3603D Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # RF3603D
Description  316.4 MHz SAW Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF3603D Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button RF3603D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. RF3603D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.RFM.com E-mail: info@rfm.com
Page 10 of 10
©2009-2010 by RF Monolithics, Inc.
RF3603D - 8/2/10
Tape and Reel Specifications
“B“
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
See Detail "A"
2.0
12.0
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
4.25 mm
Bo
4.25 mm
Ko
1.30 mm
Pitch
8.0 mm
W12.0 mm
RO.3
(MAX.)
Ko
SECTION A-A
0.3 ± 0.05
SECTION B-B
Bo
2.0
4.0
Ao
Pitch
BB
A
R0.5
(MAX.)
A
1.5
1.50
PIN #1
USER DIRECTION OF FEED


Similar Part No. - RF3603D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3603D RFM-RF3603D Datasheet
847Kb / 10P
   316.4 MHz SAW Filter
More results

Similar Description - RF3603D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3603D RFM-RF3603D Datasheet
847Kb / 10P
   316.4 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com