Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAW01 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # QAW01
Description  IGBT DEDICATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

QAW01 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  QAW01 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. QAW01 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. QAW01 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. QAW01 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. QAW01 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
QAW Series
A/0-2012
Page 2 of 5
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
3000
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input/Output,100KHz/0.1V
--
100
--
pF
Switching Frequency
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Case Material
Plastic(UL94-V0)
Weight
--
14
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
5
--
95
%
Operating Temperature
Power derating (above71
)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
30
40
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
Shake
10-55Hz, 10G, 30 Min. along X, Y and Z
EMC SPECIFICATIONS
CE
CLASS A(External Circuit Refer to Figure1-②)
EMI
RE
CLASS A(External Circuit Refer to Figure1-②)
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B(External Circuit Refer to Figure1-①)
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B(External Circuit Refer to Figure1-①)
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips、short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
QAW01:
Vin
G ND
EUT
C0
TVS
FUSE
C1
Vin
G ND
+
C2
L CM
+ Vo
- Vo
LO AD
LO AD
0V
QAW02:
Vin
GND
EUT
C0
TVS
LDM1
MOV
FUSE
C1
Vin
G ND
+
C2
LCM
+Vo
-Vo
LOAD
LOAD
0V
F T-AX1D
+Vin
-Vin
+Vo
-Vo
(Figure1)
Note: 1.In Figure 1,part
is EM
S Recommended external circuit, part
is EMI recommended external circuit.
Choose according to requirements.
2. If there is no recommended parameters, the model no require the external component.
3. FT-AX1D: MORNSUN
’s EFT Suppresser.
Parameters
QAW01
QAW02
FUSE
Choose according to
practical input current
MOV
--
10D560K
LDM1
--
56
μH
TVS
SMCJ28A
SMCJ48A
C0
680
μF/25V
120
μF/50V
C1、C2
4.7
μF/50V
LCM
T13*7*5
1mH
T13*7*5
3mH
Module
--
FT-AX1D


Similar Part No. - QAW01

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
QAW WALL-QAW Datasheet
143Kb / 3P
   Higher Operating Temperature
logo
MORNSUN Science& Techno...
QAW123-1509R3 MORNSUN-QAW123-1509R3 Datasheet
2Mb / 8P
   DC/DC Converter for IGBT Driver
2022.07.19
logo
Wall Industries,Inc.
QAW24D12-40 WALL-QAW24D12-40 Datasheet
137Kb / 3P
   QAW24D12-40
QAW24D12-40 WALL-QAW24D12-40 Datasheet
143Kb / 3P
   Higher Operating Temperature
QAW24D15-40 WALL-QAW24D15-40 Datasheet
143Kb / 3P
   Higher Operating Temperature
More results

Similar Description - QAW01

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3.6DABT GAPTEC-3.6DABT Datasheet
1Mb / 3P
   3.6W - Single Output - Isolated & Regulated IGBT dedicated DC-DC converter
1.8S7BT GAPTEC-1.8S7BT Datasheet
1Mb / 4P
   1.8W - Dual Output - Wide Input - Isolated & Regulated IGBT dedicated DC-DC converter
4.8DBTW GAPTEC-4.8DBTW Datasheet
923Kb / 4P
   4.8W - Dual Output - Wide Input - Isolated & Regulated regulated IGBT dedicated DC-DC converter
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01_15 Datasheet
1Mb / 5P
   DC/DC Converter for IGBT driver
QC962-8A MORNSUN-QC962-8A Datasheet
237Kb / 5P
   DC-DC Converter for IGBT Driver
QA053-1509R3 MORNSUN-QA053-1509R3 Datasheet
2Mb / 8P
   DC/DC Converter for IGBT Driver
2022.07.19
QA123H-1509R3 MORNSUN-QA123H-1509R3 Datasheet
1Mb / 6P
   DC/DC Converter for IGBT Driver
2022.07.19
logo
GAPTEC Electronic GmbH ...
4.8DBTSW GAPTEC-4.8DBTSW Datasheet
645Kb / 3P
   4.8W - Positive and Negative Dual Output - Wide Input - Isolated & Regulated regulated IGBT dedicated DC-DC converter
logo
MORNSUN Science& Techno...
LO30-10C0512-20 MORNSUN-LO30-10C0512-20 Datasheet
934Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
LO30-10C0512-12L MORNSUN-LO30-10C0512-12L Datasheet
631Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com