Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA100W-11 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TA100W-11
Description  Transducers power supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA100W-11 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TA100W-11 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA100W-11 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA100W-11 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA100W-11 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TAxxxW-xx
2013.04.10-A/2
Page 2 of 4
No-load Voltage
24V
±10%
Distribution
(Isolators with isolated power
output)
Full-load Voltage
≥20V
Input Signal
See selection guide
≤2V(Current input @20mA)
Field Area
Input Impedance
≥100KΩ(Voltage input)
Output Signal
See selection guide
Ripple & Noise
≤60mVp-p
≤500Ω(@maximum output current)
Control Area
Load
≥1000Ω(@maximum output voltage)
TRANSMISSION CHARACTERISTICS
Zero Offset
0.1%F.S.
Accuracy
0.1%F.S.
Gain Error
0.1%F.S.
Temperature drift coefficient
0.0035%F.S./℃(-25℃~+71
Operating temperature range
ISOLATION CHARACTERISTICS
Electrical Isolation
Three-port isolation (input, output and power supply)
2.0KVAC,3.0KVDC between application field and control cabinet
2.0KVAC,3.0KVDC between signal input or output and power supply
Isolation Voltage
2.0KVAC,3.0KVDC between channels ( multi-channel products )
Test conditions: testing for 1minute, humidity < 70%, leakage current < 1mA
EMC CHARACTERISTICS
RE
CISPR22/EN55022
CLASS A
EMI
CE
CISPR22/EN55022
CLASS A
ESD
IEC/EN61000-4-2
Contact
±4KV / Air ±8KV
perf. Criteria B
IEC/EN61000-4-4
DC Power Port
±2KV
perf. Criteria B
EFT
IEC/EN61000-4-4
I/O Signal Port
±1KV
perf. Criteria B
IEC/EN61000-4-5
DC Power Port
±1KV /±2KV
perf. Criteria B
Surge
IEC/EN61000-4-5
I/O Signal Port
±1KV(Line to GND)
perf. Criteria B
OTHER CHARACTERISTICS
Operating temperature range: -25
°C ~ +71°C
Ambient temperature
Transport and storage temperature: -40
°C ~ +85°C
Package
35mm DIN-rail package: T-rail card package (DIN50022), pluggable connection pin, thickness 12.50mm
Safety Class
IP20(IEC60529 / EN60529)
Weight
1 input 1 output: about 100g;2 input 2 output & 1 input 2 output: about128g
CONNECTION
1. Connection used dismountable terminals;
2. Cross section area of wiring: 0.5mm
2 ~2.5 mm2;
3. The length of bare wire is about 8mm, locked up by the M3 bolt.
Application in industry
In the field application, isolator should not be installed In intrinsically safe area.
Selection guidelines for Isolator or Isolator with isolation power output
1. Take care of output independence of isolator or isolator with isolation power output and loop resistance to make sure the its output voltage meets
the minimum operation voltage requirement of field device.
2. Select suitable isolator which matches the field device according to its power polarity, signal type and transmission mode.
Operation notes
1. Please read the user manual carefully before using. If any question please contact our technical support department.
2. Please do not use this product in hazardous area.
3. The power supply of this product should be 24VDC power source. It is forbidden to use 220VAC power supply.
4. To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden.


Similar Part No. - TA100W-11

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TA100W-EX-11 MORNSUN-TA100W-EX-11 Datasheet
1Mb / 5P
   ULTRA-THIN ANALOG SIGNAL OUTPUT DETECTION SAFETY BARRIER
More results

Similar Description - TA100W-11

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
logo
LEM
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
logo
M-System Co.,Ltd.
17RP MSYSTEM-17RP Datasheet
107Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17WT MSYSTEM-17WT Datasheet
111Kb / 4P
   Rack-mounted Power Transducers 17-RACK
17MS MSYSTEM-17MS Datasheet
87Kb / 2P
   Rack-mounted Power Transducers 17-RACK
17PE MSYSTEM-17PE Datasheet
89Kb / 2P
   Rack-mounted Power Transducers 17-RACK
logo
Copal Electronics
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
LEM
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com