Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA200PW Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # TA200PW
Description  Isolated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA200PW Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  TA200PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Isolated Transmitter
TAxxxPW series
2014.02.18-A/2
Page 4 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
TA2x0PW
12
11
Power
2
1
8
7
Cha nne l 1
DCS
5
6
Cha nne l 1
10
9
Cha nne l 2
Cha nn e l 2
Control
Area
Fie ld
Area
PLC
TA2x5PW
12
11
2
3
1
GND
8
7
DCS
5
6
4
GND
10
9
PLC
Power
Cha nnel 1
2-Wire
Circuit
Tr ansd ucer
Control
Area
Fie ld
Area
2-Wire
Circuit
Tr ansd ucer
Channel 2
Cha nnel 1
Channel 2
TA6x0PW
12
11
Power
8
7
Cha nne l 1
DCS
5
6
Cha nne l 1
10
9
Cha nne l 2
Control
Area
Field
Area
PLC
TA6x5PW
12
11
Power
G ND
8
7
Cha nnel 1
DCS
5
6
4
Cha nnel 1
10
9
Cha nnel 2
2-Wi re
Ci rcuit
Tr an s d u cer
Control
Area
Feild
Area
PLC
Use dismountable terminals for instrument wiring, easy to operate;
The sectional area of conductor is 0.5mm2-2.5 mm2;
The length of conductor exposed is 8mm and is fastened by M3 bolts.
2. For more information Please find the application notes on www.mornsun-power.com
Installation & disassembly
Installation
DIN35mm standard rail installation
1. Insert the top of the instrument card in the rail;
2. Push the bottom of the instrument into the rail.
1
2
Disassembly
1. Insert to the clamp on the lower end of instrument with a screw
driver (tool edge width≤6mm);
2. Push the screw driver up, and pry the clamp down;
3. Pull the instrument up out of the guide rail.
1
2
3


Similar Part No. - TA200PW

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
Bothhand USA, LP.
TA200-10A BOTHHAND-TA200-10A Datasheet
250Kb / 1P
   10 BASE-T ETHERNET ISO TRANSFORMER
TA200-12A BOTHHAND-TA200-12A Datasheet
250Kb / 1P
   10 BASE-T ETHERNET ISO TRANSFORMER
TA200-25B BOTHHAND-TA200-25B Datasheet
281Kb / 1P
   10 BASE-T NETWORK COMPONENTS
TA200-25B BOTHHAND-TA200-25B Datasheet
52Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results

Similar Description - TA200PW

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com