Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1212D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF1212D
Description  452.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1212D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF1212D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1212D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1212D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF1212D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF1212D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2008 by RF Monolithics, Inc.
SF1212D - 12/12/08
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal 1 dB Center Frequency
fC
1
452.5
MHz
Passband Insertion Loss
450.0 to 454.8 MHz
IL
1.8
2.8
dB
VSWR
450.0 to 454.8 MHz
1.4:1
2:1
Rejection
0.3 to 440.0 MHz
1, 2, 3
25
28
dB
460.0 to 465.0 MHz
30
49
465.0 to 1700 MHz
25
28
1700 - 2000 MHz
20
30
Operating Temperature Range
TA
1-30
+85
°C
Impedance at fc
Source, single ended
50 ohm
Load, single ended
50 ohm
Case Style
SM3838-6 3.8 x 3.8 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
641, YWWS
Standard Reel Quantity
Reel Size 7 Inch
1000 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Port 1
2
Port 2
5
Case Ground
All others
SM3838-6
• CDMA 450 F-Band RF SAW Filter
• 3.8 x 3.8 x 1.4 mm Surface-mount Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+28
dBm
Maximum DC Voltage between any Two Terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260°C for 30 s
452.5 MHz
SAW Filter
SF1212D
1.
Unless noted otherwise, all specifications apply over the operating temper-
ature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42
for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary


Similar Part No. - SF1212D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1212D RFM-SF1212D Datasheet
252Kb / 5P
   452.5 MHz SAW Filter
More results

Similar Description - SF1212D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1212D RFM-SF1212D Datasheet
252Kb / 5P
   452.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1421A TAI-SAW-TA1421A Datasheet
338Kb / 7P
   SAW Filter 452.5 MHz SMD 3.8횞3.8mm (BW=4.8MHz)
logo
Transko Electronics, In...
TD452BK6 TRANSKO-TD452BK6 Datasheet
660Kb / 7P
   CDMA450 Rx Balanced SAW Duplexer For 452.5 MHz / 462. 5 MHz
Revision 0: August 2011
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com