Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC100PI-EX-SP Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TC100PI-EX-SP
Description  Thermocouples Isolation Safety Barrier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PI-EX-SP Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TC100PI-EX-SP Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PI-EX-SP Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PI-EX-SP Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PI-EX-SP Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCx00PI-EX
2013.03.22-A/0
Page 2 of 4
Output Signal
See product overview
≤500Ω (@maximum output current)
Load
≥100kΩ (@maximum output voltage)
Communication Interface
RS485
Safe Area
Communication
Protocol
Refer to
”MORNSUN Science and Technology Modbus Protocol Rule”
TRANSMISSION CHARACTERISTICS
Zero Offset
0.1%F.S.
Gain Error
0.1%F.S.
Accuracy
0.1%F.S.
Temperature Drift
0.0035%F.S./
°C (-25 ~ +71°C)
ISOLATION CHARACTERISTICS
2.5kVAC between safe area and hazardous area
(Tested for 1 minute and leakage current <1mA )
Galvanic isolation
1.5KVDC between power supply and output
(Tested for 1 minute)
EMC
EN6126
SURGE RESIST
Maximum operation voltage
30VDC
Rated discharge current
5KA (Line-to-ground, line-to-line)
Maximum discharge current
10KA (Line-to-ground)
Standard
GB18802. 21-2004
ELECTROMAGNETIC COMPATIBILITY
Standard
GB/T 18268 (IEC61326-1)
ESD
Air discharge 8KV(Level 4)
Pulse group
4KV (Power supply-to-ground);
2KV (Signal-to-ground, Level 4)
Surge
4KV (Line-to-ground);
2KV (line-to-line, Level 4)
RF
10V/m(Level 3)
STANDARDS & CERTIFICATES
Explosion protection Certificate mark
[Exia]IIC
Explosion protection certificate parameters
Between the pin 11 and 12:
Um=250VAC/DC
Uo=10.5VDC
Io=5.3mA
Po=14mW
Co=1.68
µF
Lo=1000mH
Explosion protection certificate agency
NATIONAL QUALITY SUPERVISION AND TEST CENTRE FOR EXPLOSION PROTECTED
ELECTRICAL PRODUCTS
Explosion qualified NO.
CNEx091824
OTHER CHARACTERISTICS
Lower limit alarm
Below its lower limit of -5
°C (temperature signal) or -2mV (mV signal), output current about 3mA (4~20mA) or 21mA
(4~20mA), light
“ L” on
Upper limit alarm
Exceeding its upper limit of +5
°C (temperature signal) or +2mV (mV signal), output current about 23mA, light “ H” on
Break coupling alarm
Break coupling or input signal
≥ 70mV, output current about 22mA, light “O” on
Operation temperature: -25 ~ +71
°C
Ambient temperature
Transport and Storage temperature: - 50 ~ +105
°C
Package
35mm DIN-rail package, hot plug, thickness: 22.5mm, Plastic UL94-V0
Safety Class
IP20(IEC60529 / EN60529)
Weight
About 123g
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. Only typical models listed, specifications of custom product may be different. Please contact our service people directly for certain conditions.
3. Communication protocol details refer to
”MORNSUN Science and Technology Modbus Protocol Rule”.
4. The MORNSUN Safety Barrier Configuration software can be downloaded free from the MORNSUN homepage www.mornsun.cn or you can contact us to get it.


Similar Part No. - TC100PI-EX-SP

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
More results

Similar Description - TC100PI-EX-SP

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
   THERMOCOUPLES
December 1968
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
RHOPOINT COMPONENTS
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
   ?쏶tikonTM??thermocouples
logo
MORNSUN Science& Techno...
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
   RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com