Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR200PI Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TR200PI
Description  PROGRAMMABLE RTDS DETECTION TYPE ISOLATION BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TR200PI Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TR200PI Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TR200PI Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TR200PI Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TRx00PI
2013.07.01-A/3
Page 3 of 3
Note:
1. This diagram is for 2 channels input & 2 channels output model only. Channel 2 of input end is no connection for 1 channel input & 2 channels output model, and
channel 2 of input and output end is no connection for 1 channel input & 1 channel output model.
2. For three-wire RTDs signal input, make sure the equal resistance of three wires as possible as you can;
3. For two-wire RTDs signal input, terminal 10 and 11, 14 and 15 must be short connected.
INSTALLATION & DISASSEMBLY
Installation
DIN35mm standard rail installation:
1.Insert the top of the instrument card in the rail;
2.Push the bottom of the instrument into the rail.
Disassembly
1.Insert a screwdriver between the bottom of the card lock and the rail;
2.Pull up the screwdriver and press the card lock downwards;
3.Pull the instrument out of the rail.
1
2
3
PACKAGING DIMENSION & PACKAGING DIAGRAM
Note:
1. All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test setup and methods are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, you can contact MORNSUN FAE for more details.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - TR200PI

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR200PW MORNSUN-TR200PW Datasheet
579Kb / 4P
   Programmable Thermal Resistance Isolators
More results

Similar Description - TR200PI

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
logo
Shenzhen Huazhimei Semi...
HM6101 HMSEMI-HM6101 Datasheet
449Kb / 5P
   programmable voltage detection chip
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
   Thin Film Platinum RTDs
June 2014
logo
Toshiba Semiconductor
JDH3D01S TOSHIBA-JDH3D01S Datasheet
168Kb / 4P
   Diode Silicon Epitaxial Schottky Barrier Type For wave detection
JDH3D01FV TOSHIBA-JDH3D01FV Datasheet
180Kb / 5P
   Diode Silicon Epitaxial Schottky Barrier Type For wave detection
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com