Electronic Components Datasheet Search |
|
TR640PW Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd. |
|
TR640PW Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd. |
2 / 4 page The copyright and authority for the interpretation of the products are reserved by MORNSUN TRxxxPW 2013.06.07-A/1 Page 2 of 4 Output type 4~20mA 0~20mA 1~5V 0~5V 0~10V 2~10V Input disconnection About 23mA About 23mA About 5.75V About 5.75V About 11.5V About 11.5V Input over-range lower limit 3mA 21mA 0.75V 5.25V 10.5V 1.5V Input over-range upper limit 22mA 22mA 5.5V 5.5V 11V 11V Break alarm Each channel disconnection alarm corresponding indicator light(Red, Single-channel 1, Dual-channel 2) Control Area Over-range alarm Each channel over range alarm to the corresponding indicator light flashes(Red, Single-channel 1,Dual-channel 2) TRANSMISSION CHARACTERISTICS Zero Offset 0.1%F.S. or 0.5 greater(Sin = 0,100% load,@25) ℃℃ Accuracy 0.1%F.S. or 0.5 greater(Full ℃ -scale range,100% load,@25) ℃ Temperature drift 0.0050%F.S./ ( ℃ -25℃~+71 Operating temperature range ℃ ) Output signal rise time < 0.5S (Output from the 10% point of full signal up to 90% of the full signal point) Output signal fall time < 0.5S (Output from the 90% point of full signal down to 10% of full signal point) ISOLATION CHARACTERISTICS Field area and control area:2KVAC/ 3KVDC, 1min, leakage current ≤5mA Electrical Isolation Output and power supply, 3KVDC,1min ,leakage current ≤5mA Insulation resistance 100M Ω, 500VDC (Signal input port, signal output port) EMC CHARACTERISTICS CE CISPR22/EN55022 CLASS A EMI RE CISPR22/EN55022 CLASS A ESD IEC/EN61000-4-2 Contact ±4KV/Air ±8KV perf. Criteria B RS IEC/EN61000-4-3 10V/m perf. Criteria A IEC/EN61000-4-4 DC Power Port ±2KV perf. Criteria B EFT IEC/EN61000-4-4 I/O Signal Port ±1KV perf. Criteria B IEC/EN61000-4-5 DC Power Port ±1KV/2KV perf. Criteria B Surge IEC/EN61000-4-5 I/O Signal Port ±1KV(line to GND) perf. Criteria B EMS CS IEC/EN61000-4-6 3 Vr.m.s perf. Criteria A OTHER CHARACTERISTICS Operating temperature:-25~+71℃ Ambient Temperature Transport and storage temperature:-40~+85℃ Package 35mm DIN-rail package: T-rail card package (DIN50022), pluggable connection pin, thickness 12.5mm Safety Class IP20(IEC60529 / EN60529) Weight 1 input 1 output: 100g;2 input 2 output & 1 input 2 output: 128g,typ CONNECTION 1. Connection used dismountable terminals; 2. Cross section area of wiring: 0.5mm 2 ~2.5 mm2; 3. The length of bare wire is about 8mm, locked up by the M3 bolt. Operation notes 1. Please read the user manual carefully before using. If any question please contact our technical support department. 2. Please do not use this product in hazardous area. 3. The power supply of this product should be 24VDC power source. It is forbidden to use 220VAC power supply. 4. To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden. |
Similar Part No. - TR640PW |
|
Similar Description - TR640PW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |