Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90UR241Q Datasheet(PDF) 6 Page - Texas Instruments

Part # DS90UR241Q
Description  MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UR241Q Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90UR241Q Datasheet HTML 2Page - Texas Instruments DS90UR241Q Datasheet HTML 3Page - Texas Instruments DS90UR241Q Datasheet HTML 4Page - Texas Instruments DS90UR241Q Datasheet HTML 5Page - Texas Instruments DS90UR241Q Datasheet HTML 6Page - Texas Instruments DS90UR241Q Datasheet HTML 7Page - Texas Instruments DS90UR241Q Datasheet HTML 8Page - Texas Instruments DS90UR241Q Datasheet HTML 9Page - Texas Instruments DS90UR241Q Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
DS90UR124Q, DS90UR241Q
SNLS231N – SEPTEMBER 2006 – REVISED MARCH 2013
www.ti.com
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLLHT
LVDS Low-to-High Transition Time
RL = 100Ω, VODSEL = L,
245
550
ps
CL = 10 pF to GND, Figure 3
tLHLT
LVDS High-to-Low Transition Time
264
550
ps
tDIS
DIN (0:23) Setup to TCLK
RL = 100Ω, CL = 10 pF to GND
(1)
4
ns
Figure 5(2)
tDIH
DIN (0:23) Hold from TCLK
4
ns
tHZD
DOUT ± HIGH to TRI-STATE Delay
RL = 100Ω,
10
15
ns
CL = 10 pF to GND
(3)
tLZD
DOUT ± LOW to TRI-STATE Delay
10
15
ns
Figure 6
tZHD
DOUT ± TRI-STATE to HIGH Delay
75
150
ns
tZLD
DOUT ± TRI-STATE to LOW Delay
75
150
ns
tPLD
Serializer PLL Lock Time
RL = 100Ω
10
ms
tSD
Serializer Delay
RL = 100Ω, PRE = OFF,
RAOFF = L, TRFB = H,
3.5T+2
3.5T+10
ns
Figure 8(4)
RL = 100Ω, PRE = OFF,
RAOFF = L, TRFB = L,
3.5T+2
3.5T+10
ns
Figure 8(4)
TxOUT_E_O
TxOUT_Eye_Opening.
5 MHz–43 MHz,
TxOUT_E_O centered on (tBIT/)2
RL = 100Ω, CL = 10 pF to GND,
0.76
0.84
UI
RANDOM pattern(5)(6)(7)
Figure 9
(1)
Specification is guaranteed by characterization and is not tested in production.
(2)
Figure 5, Figure 15 and Figure 16 show a rising edge data strobe (TCLK IN/RCLK OUT).
(3)
When the Serializer output is at TRI-STATE the Deserializer will lose PLL lock. Resynchronization MUST occur before data transfer.
(4)
Figure 1, Figure 2, Figure 8, Figure 12 and Figure 14 show a falling edge data strobe (TCLK IN/RCLK OUT).
(5)
tJIT (@BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
(6)
UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
(7)
TxOUT_E_O is affected by pre-emphasis value.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS90UR124Q DS90UR241Q


Similar Part No. - DS90UR241Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR241Q NSC-DS90UR241Q Datasheet
1Mb / 26P
   5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
DS90UR241QVS NSC-DS90UR241QVS Datasheet
1Mb / 26P
   5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
Texas Instruments
DS90UR241QVS/NOPB TI1-DS90UR241QVS/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   5-MHz to 43-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
National Semiconductor ...
DS90UR241QVSX NSC-DS90UR241QVSX Datasheet
1Mb / 26P
   5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
Texas Instruments
DS90UR241QVSX/NOPB TI1-DS90UR241QVSX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   5-MHz to 43-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
More results

Similar Description - DS90UR241Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR241Q NSC-DS90UR241Q Datasheet
1Mb / 26P
   5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
Texas Instruments
DS90UR124-Q1 TI1-DS90UR124-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   5-MHz to 43-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
DS90C124 TI1-DS90C124_13 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
logo
Texas Instruments
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241 Datasheet
960Kb / 24P
   5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR124 NSC-DS90UR124_08 Datasheet
1Mb / 30P
   5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com