Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ15A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMAJ15A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAJ15A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMAJ15A Datasheet HTML 1Page - Vishay Siliconix SMAJ15A Datasheet HTML 2Page - Vishay Siliconix SMAJ15A Datasheet HTML 3Page - Vishay Siliconix SMAJ15A Datasheet HTML 4Page - Vishay Siliconix SMAJ15A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAJ5.0A thru SMAJ188CA
www.vishay.com
Vishay General Semiconductor
Revision: 09-Dec-13
2
Document Number: 88390
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMAJ5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 25 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
SMAJ5.0A (5)
AE
WE
6.40
7.07
10
5.0
800
43.5
9.2
SMAJ6.0A
AG
WG
6.67
7.37
10
6.0
800
38.8
10.3
SMAJ6.5A
AK
WK
7.22
7.98
10
6.5
500
35.7
11.2
SMAJ7.0A
AM
WM
7.78
8.60
10
7.0
200
33.3
12.0
SMAJ7.5A
AP
WP
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0A
AR
WR
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5A
AT
WT
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0A
AV
WV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10A
AX
WX
11.1
12.3
1.0
10
1.0
23.5
17.0
SMAJ11A
AZ
WZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMAJ12A
BE
XE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMAJ13A
BG
XG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMAJ14A
BK
XK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMAJ15A
BM
XM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMAJ16A
BP
XP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMAJ17A
BR
XR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMAJ18A
BT
XT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMAJ20A
BV
XV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMAJ22A
BX
XX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMAJ24A
BZ
XZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMAJ26A
CE
YE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMAJ28A
CG
YG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMAJ30A
CK
YK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMAJ33A
CM
YM
36.7
40.6
1.0
33
1.0
7.5
53.3
SMAJ36A
CP
YP
40.0
44.2
1.0
36
1.0
6.9
58.1
SMAJ40A
CR
YR
44.4
49.1
1.0
40
1.0
6.2
64.5
SMAJ43A
CT
YT
47.8
52.8
1.0
43
1.0
5.8
69.4
SMAJ45A
CV
YV
50.0
55.3
1.0
45
1.0
5.5
72.7
SMAJ48A
CX
YX
53.3
58.9
1.0
48
1.0
5.2
77.4
SMAJ51A
CZ
YZ
56.7
62.7
1.0
51
1.0
4.9
82.4
SMAJ54A
RE
ZE
60.0
66.3
1.0
54
1.0
4.6
87.1
SMAJ58A
RG
ZG
64.4
71.2
1.0
58
1.0
4.3
93.6
SMAJ60A
RK
ZK
66.7
73.7
1.0
60
1.0
4.1
96.8
SMAJ64A
RM
ZM
71.1
78.6
1.0
64
1.0
3.9
103
SMAJ70A
RP
ZP
77.8
86.0
1.0
70
1.0
3.5
113
SMAJ75A
RR
ZR
83.3
92.1
1.0
75
1.0
3.3
121
SMAJ78A
RT
ZT
86.7
95.8
1.0
78
1.0
3.2
126
SMAJ85A
RV
ZV
94.4
104
1.0
85
1.0
2.2
137
SMAJ90A
RX
ZX
100
111
1.0
90
1.0
2.1
146
SMAJ100A
RZ
ZZ
111
123
1.0
100
1.0
1.9
162
SMAJ110A
SE
VE
122
135
1.0
110
1.0
1.7
177
SMAJ120A
VG
VG
133
147
1.0
120
1.0
1.6
193
SMAJ130A
VK
VK
144
159
1.0
130
1.0
1.4
209
SMAJ150A
VM
VM
167
185
1.0
150
1.0
1.2
243
SMAJ160A
SP
VP
178
197
1.0
160
1.0
1.2
259
SMAJ170A
SR
VR
189
209
1.0
170
1.0
1.09
275
SMAJ188A
SS
VS
209
231
1.0
188
1.0
0.91
328


Similar Part No. - SMAJ15A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ15A JGD-SMAJ15A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ15A CYSTEKEC-SMAJ15A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
SMAJ15A LITTELFUSE-SMAJ15A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Shanghai Leiditech Elec...
SMAJ15A LEIDITECH-SMAJ15A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Yangzhou yangjie electr...
SMAJ15A YANGJIE-SMAJ15A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
More results

Similar Description - SMAJ15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com