Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV0421 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS92LV0421
Description  10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV0421 Datasheet(HTML) 3 Page - Texas Instruments

  DS92LV0421_14 Datasheet HTML 1Page - Texas Instruments DS92LV0421_14 Datasheet HTML 2Page - Texas Instruments DS92LV0421_14 Datasheet HTML 3Page - Texas Instruments DS92LV0421_14 Datasheet HTML 4Page - Texas Instruments DS92LV0421_14 Datasheet HTML 5Page - Texas Instruments DS92LV0421_14 Datasheet HTML 6Page - Texas Instruments DS92LV0421_14 Datasheet HTML 7Page - Texas Instruments DS92LV0421_14 Datasheet HTML 8Page - Texas Instruments DS92LV0421_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
CONFIG[1]
VDDP
RES1
RES2
VDDHS
DOUT-
DOUT+
VDDTX
RES3
DS92LV0421
(Top View)
RxIN1-
RxIN0+
RxIN0-
DAP = GND
RxIN1+
RxCLKIN-
RxIN2+
RxIN2-
RxCLKIN+
RES5
28
29
30
31
32
33
34
35
36
18
17
16
15
14
13
12
11
10
RIN-
DS92LV0422
RIN+
PLL
Timing and
Control
LOCK
SSCG
PASS
SSC[2:0]
OEN
VODSEL
TxOUT[2]
Error
Detector
PDB
BISTEN
CMF
SCL
SCA
ID[x]
TxOUT[1]
TxOUT[0]
TxCLKOUT
OSS_SEL
LFMODE
EQ
TxOUT[3]
DS92LV0421, DS92LV0422
www.ti.com
SNLS325C – MAY 2010 – REVISED APRIL 2013
DS92LV0421 Pin Diagram
Figure 2. DS92LV0421 36–Pin WQFN Package
See Package Number NJK0036A
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS92LV0421 DS92LV0422


Similar Part No. - DS92LV0421_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0421_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com