Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV0421 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV0421
Description  10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV0421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS92LV0421 Datasheet HTML 2Page - Texas Instruments DS92LV0421 Datasheet HTML 3Page - Texas Instruments DS92LV0421 Datasheet HTML 4Page - Texas Instruments DS92LV0421 Datasheet HTML 5Page - Texas Instruments DS92LV0421 Datasheet HTML 6Page - Texas Instruments DS92LV0421 Datasheet HTML 7Page - Texas Instruments DS92LV0421 Datasheet HTML 8Page - Texas Instruments DS92LV0421 Datasheet HTML 9Page - Texas Instruments DS92LV0421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
DS92LV0421, DS92LV0422
SNLS325C – MAY 2010 – REVISED APRIL 2013
www.ti.com
DS92LV0422 PIN DESCRIPTIONS
Pin Name
Pin No.
I/O, Type
Description
Channel Link II Serial Interface
RIN++
40
I, CML
True Input.
The output must be AC Coupled with a 0.1
μF capacitor.
RIN-
41
I, CML
Inverting Input.
The output must be AC Coupled with a 0.1
μF capacitor.
Channel Link Parallel Output Interface
RxIN[3:0]+
15, 19, 21,
O, LVDS
True LVDS Data Output
23
This pair should have a 100
Ω termination for standard LVDS levels.
RxIN[3:0]-
16, 20, 22,
O, LVDS
Inverting LVDS Data Output
24
This pair should have a 100
Ω termination for standard LVDS levels.
RxCLKIN+
17
O, LVDS
True LVDS Clock Output
This pair should have a 100
Ω termination for standard LVDS levels.
RxCLKIN-
18
O, LVDS
Inverting LVDS Clock Output
This pair should have a 100
Ω termination for standard LVDS levels.
LVCMOS Outputs
LOCK
27
O, LVCMOS
LOCK Status Output
LOCK = 1, PLL is locked, output stated determined by OEN.
LOCK = 0, PLL is unlocked, output states determined by OSS_SEL and OEN.
See Table 5.
Control and Configuration
PDB
1
I, LVCMOS
Power-down Mode Input
w/ pull-down
PDB = 1, Device is enabled (normal operation).
Refer to Power Up Requirements and PDB Pin
PDB = 0, Device is powered down
When the Device is in the power-down state, the driver outputs (DOUT+/-) are both logic high,
the PLL is shutdown, IDD is minimized. Control Registers are RESET.
VODSEL
33
I, LVCMOS
Parallel LVDS Driver Output Voltage Select — Pin or Register Control
w/ pull-down
VODSEL = 1, LVDS VOD is ±400 mV, 800 mVp-p (typ)
VODSEL = 0, LVDS VOD is ±250 mV, 500 mVp-p (typ)
OEN
30
I, LVCMOS
Output Enable.
w/ pull-down
See Table 5.
OSS_SEL
35
I, LVCMOS
Output Sleep State Select Input.
w/ pull-down
See Table 5.
LFMODE
36
I, LVCMOS
SSCG Low Frequency Mode — Pin or Register Control
w/ pull-down
LF_MODE = 1, low frequency mode (TxCLKOUT = 10–20 MHz)
LF_MODE = 0, high frequency mode (TxCLKOUT = 20–65 MHz)
SSCG not avaialble above 65 MHz.
MAPSEL
34
I, LVCMOS
Channel Link Map Select — Pin or Register Control
w/ pull-down
MAPSEL = 1, MSB on TxOUT3+/-. See Figure 24
MAPSEL = 0, LSB on TxOUT3+/-. See Figure 23
CONFIG[1:0]
11, 10
I, LVCMOS
Operating Modes — Pin or Limited Register Control
w/ pull-down
Determine the device operating mode and interfacing device. See Table 1
CONFIG[1:0] = 00: Interfacing to DS92LV2421 or DS92LV0421, Control Signal Filter
DISABLED
CONFIG[1:0] = 01: Interfacing to DS92LV2421 or DS92LV0421, Control Signal Filter
ENABLED
CONFIG [1:0] = 10: Interfacing to DS90UR241, DS99R421
CONFIG [1:0] = 11: Interfacing to DS90C124
SSC[2:0]
7, 3, 2
I, LVCMOS
Spread Spectrum Clock Generation (SSCG) Range Select
w/ pull-down
See Table 8 and Table 9
RES
37
I, LVCMOS
Reserved
w/ pull-down
Control and Configuration — STRAP PIN
EQ
28 [PASS]
STRAP
EQ Gain Control of Channel Link II Serial Input
I, LVCMOS
EQ = 1, EQ gain is enabled (~13 dB)
w/ pull-down
EQ = 0, EQ gain is disabled (~1.625 dB)
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV0421 DS92LV0422


Similar Part No. - DS92LV0421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421SQ NSC-DS92LV0421SQ Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0421SQ/NOPB TI1-DS92LV0421SQ/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421SQE NSC-DS92LV0421SQE Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com