Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LX1621 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS92LX1621
Description  10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LX1621 Datasheet(HTML) 4 Page - Texas Instruments

  DS92LX1621_14 Datasheet HTML 1Page - Texas Instruments DS92LX1621_14 Datasheet HTML 2Page - Texas Instruments DS92LX1621_14 Datasheet HTML 3Page - Texas Instruments DS92LX1621_14 Datasheet HTML 4Page - Texas Instruments DS92LX1621_14 Datasheet HTML 5Page - Texas Instruments DS92LX1621_14 Datasheet HTML 6Page - Texas Instruments DS92LX1621_14 Datasheet HTML 7Page - Texas Instruments DS92LX1621_14 Datasheet HTML 8Page - Texas Instruments DS92LX1621_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
DS92LX1621, DS92LX1622
SNLS327I – MAY 2010 – REVISED JANUARY 2014
www.ti.com
DS92LX1621 Serializer PIN DESCRIPTIONS (continued)
Pin Name
Pin No.
I/O, Type
Description
SERIAL CONTROL BUS - I2C COMPATIBLE
Clock line for the serial control bus communication
SCL
4
Input/Output, Digital
SCL requires an external pull-up resistor to VDDIO.
Input/Output, Open
Data line for the serial control bus communication
SDA
5
Drain
SDA requires an external pull-up resistor to VDDIO.
I2C Mode Select
Input, LVCMOS w/
M/S
8
M/S = L, Master (default); device generates and drives the SCL clock line
pull down
M/S = H, Slave; device accepts SCL clock input
Continuous Address Decoder
Input pin to select the Slave Device Address.
CAD
6
Input, analog
Input is connect to external resistor divider to programmable Device ID
address (See Figure 29).
CONTROL AND CONFIGURATION
Power down Mode Input Pin.
Input, LVCMOS w/
PDB = H, Transmitter is enabled and is ON.
PDB
9
pull down
PDB = L, Transmitter is in Sleep (Power Down). When the transmitter is in the
SLEEP state, the PLL is shutdown, and IDD is minimized.
Input, LVCMOS w/
RES
7
Reserved. This pin MUST be tied LOW.
pull down
Channel Link III INTERFACE
DOUT+
13
Input/Output, CML
Non-inverting differential output, back-channel input.
DOUT-
12
Input/Output, CML
Inverting differential output, back-channel input.
Power and Ground
VDDPLL
10
Power, Analog
PLL Power, 1.8V ±5%
VDDT
11
Power, Analog
Tx Analog Power, 1.8V ±5%
VDDCML
14
Power, Analog
LVDS & BC Dr Power, 1.8V ±5%
VDDD
28
Power, Digital
Digital Power, 1.8V ±5%
VDDIO
25
Power, Digital
Power for input stage, The single-ended inputs are powered from VDDIO.
VSS
DAP
Ground, DAP
DAP must be grounded. Connect to ground plane with at least 9 vias.
4
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: DS92LX1621 DS92LX1622


Similar Part No. - DS92LX1621_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
More results

Similar Description - DS92LX1621_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2121 TI1-DS92LX2121_14 Datasheet
1Mb / 43P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX2121 TI-DS92LX2121 Datasheet
1Mb / 42P
[Old version datasheet]   DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
Texas Instruments
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com