Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS99R103 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R103
Description  3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R103 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS99R103 Datasheet HTML 5Page - Texas Instruments DS99R103 Datasheet HTML 6Page - Texas Instruments DS99R103 Datasheet HTML 7Page - Texas Instruments DS99R103 Datasheet HTML 8Page - Texas Instruments DS99R103 Datasheet HTML 9Page - Texas Instruments DS99R103 Datasheet HTML 10Page - Texas Instruments DS99R103 Datasheet HTML 11Page - Texas Instruments DS99R103 Datasheet HTML 12Page - Texas Instruments DS99R103 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
80%
20%
80%
20%
tCLH
Deserializer
8 pF
lumped
Single-ended
Signal
tCHL
DOUT+
DOUT-
24
DIN
RL
TCLK
Ideal Center Position (tBIT/2)
tBIT (1UI)
TxOUT_E_O
Ideal Data Bit
End
Ideal Data Bit
Beginning
tBIT(1/2UI)
tBIT(1/2UI)
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N-1
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N-2
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N-3
23
2
1
0
STOP
BIT
SYMBOL N-4
DOUT0-23
DCA, DCB
TCLK
tSD
DIN
SYMBOL N+1
SYMBOL N
SYMBOL N+2
SYMBOL N+3
DS99R103, DS99R104
www.ti.com
SNLS241D – MARCH 2007 – REVISED APRIL 2013
Figure 8. Serializer Delay
Figure 9. Transmitter Output Eye Opening (TxOUT_E_O)
VOD = (DOUT+) – (DOUT -)
Differential output signal is shown as (DOUT+) – (DOUT -), device in Data Transfer mode.
Figure 10. Serializer VOD Diagram
Figure 11. Deserializer LVCMOS/LVTTL Output Load and Transition Times
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS99R103 DS99R104


Similar Part No. - DS99R103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103 Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103TSQ/NOPB TI1-DS99R103TSQ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103TSQX/NOPB TI1-DS99R103TSQX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS99R103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 TI1-DS99R103_13 Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R101 TI1-DS99R101_14 Datasheet
917Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R101 TI1-DS99R101_13 Datasheet
916Kb / 29P
[Old version datasheet]   DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 TI1-DS99R105_13 Datasheet
1,017Kb / 29P
[Old version datasheet]   DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com