Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M36P53C Datasheet(PDF) 5 Page - Texas Instruments

Part # F28M36P53C
Description  F28M36x Concerto??Microcontrollers
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M36P53C Datasheet(HTML) 5 Page - Texas Instruments

  F28M36P53C Datasheet HTML 1Page - Texas Instruments F28M36P53C Datasheet HTML 2Page - Texas Instruments F28M36P53C Datasheet HTML 3Page - Texas Instruments F28M36P53C Datasheet HTML 4Page - Texas Instruments F28M36P53C Datasheet HTML 5Page - Texas Instruments F28M36P53C Datasheet HTML 6Page - Texas Instruments F28M36P53C Datasheet HTML 7Page - Texas Instruments F28M36P53C Datasheet HTML 8Page - Texas Instruments F28M36P53C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 254 page
background image
F28M36P63C, F28M36P53C, F28M36H53C, F28M36H53B, F28M36H33C, F28M36H33B
www.ti.com
SPRS825C – OCTOBER 2012 – REVISED FEBRUARY 2014
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data sheet revision history highlights the technical changes made to the SPRS825B device-specific
data sheet to make it an SPRS825C revision.
Scope:
F28M36x devices are now available in the Q temperature range (–40°C to 125°C, Q100 qualification for automotive
applications). See Table 3-1.
Added Section 8.3, Related Links, which provides quick access to available resources.
See the following table.
LOCATION
ADDITIONS, DELETIONS, AND MODIFICATIONS
Global
F28M36x devices are now available in the Q temperature range (–40°C to 125°C, Q100 qualification
for automotive applications). See Table 3-1.
Changed description of 289-ball ZWT package from "Plastic Ball Grid Array (PBGA)" to "New Fine
Pitch Ball Grid Array (nFBGA)"
Section 1
Changed title from "F28M36x (Concerto) MCUs" to "Device Summary"
Section 1
Device Summary:
Changed "Cortex™-M3 Core Hardware Logic Built-in Self Test" to "Cortex-M3 Core Hardware Built-in
Self-Test"
Changed "C28x Core Hardware Logic Built-in Self Test" to "C28x Core Hardware Built-in Self-Test"
Section 1.3
Description:
Added "Device Information" table
Table 3-1
Hardware Features:
Updated "The maximum frequency at which the Cortex-M3 core can run ..." footnote
Table 3-2
Added "Possible Speed Combinations for Cortex-M3 and C28x Cores" table
Section 3.4.2
Changed title from "C28x™ Core Hardware Logic Built-In Test (LBIST)" to "C28x Core Hardware Built-In
Self-Test"
Section 3.4.2
C28x Core Hardware Built-In Self-Test:
Changed "Logic Built-In Self Test (LBIST)" to "Hardware Built-In Self-Test (HWBIST)"
Changed LBIST to HWBIST
Section 3.12.1
C28x Normal Mode:
Removed reference to the HISPCP register
Figure 3-12
Updated "C28x Clocks and Low-Power Modes" figure
Table 4-1
Terminal Functions:
XCLKOUT: Updated DESCRIPTION. Changed XCLKCFG to XPLLCLKCFG.
Section 5.2
Added "Handling Ratings" section
Table 6-4
Added "Crystal Equivalent Series Resistance (ESR) Requirements" table
Table 6-15
Power Management and Supervisory Circuit Solutions:
Removed TPS75005
Table 6-22
Added "Master Subsystem – Flash Data Retention Duration" table
Table 6-30
Added "Control Subsystem – Flash Data Retention Duration" table
Table 7-37
Enhanced Quadrature Encoder Pulse (eQEP) Timing Requirements:
Added footnote that references SPRZ375
Section 7.3.5
C28x Serial Communications Interface (SCI):
Updated list of SCI module features:
Changed "4-level transmit and receive FIFO" to "16-level transmit and receive FIFO"
Section 8
Device and Documentation Support:
Added Section 8.3, Related Links
Added "Trademarks" section
Added "Electrostatic Discharge Caution" section
Added "Glossary" section
Copyright © 2012–2014, Texas Instruments Incorporated
Revision History
5
Submit Documentation Feedback
Product Folder Links: F28M36P63C F28M36P53C F28M36H53C F28M36H53B F28M36H33C F28M36H33B


Similar Part No. - F28M36P53C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P53C2 TI-F28M36P53C2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P53C2 TI1-F28M36P53C2 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P53C2ZWTQ TI-F28M36P53C2ZWTQ Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P53C2ZWTQ TI1-F28M36P53C2ZWTQ Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P53C2ZWTS TI-F28M36P53C2ZWTS Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36P53C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com