Part Name
         Description
2SK2478

 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE ( 8 Page)


NEC
100% 
Zoom Out Zoom In
   
 6 page
background image
2SK2478
6
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
L - Inductive Load - H
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature - ˚C
1.0
0
25
10
100
100
µ
1 m
10 m
VDD = 150 V
VGS = 20 V
→ 0
RG = 25
20
80
120
160
50
75
100
125
150
VDD = 150 V
RG = 25
VGS = 20 V
→ 0
IAS
≤ 2 A
100
60
40
140
IAS = 2 A
E
AS = 16.5
mJ
100 m
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1123SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1491SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2361SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2479SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2724SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK3204SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
2SK3358SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
UPA1703SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
UPA1726SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1492SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl